TF-R-20
AI

The **TF-R-20** typically refers to a high-performance **2.0 channel (Stereo) Class D digital amplifier module**, often based on the **TPA3116D2** or a similar high-efficiency chipset. These boards are widely used in DIY audio projects due to their small footprint and high power output.
---
### 1. Key Electronic Specifications
The performance of the TF-R-20 is defined by its power efficiency and voltage requirements.
| Feature | Specification |
| :--- | :--- |
| **Chip Type** | Class D (Digital) |
| **Input Voltage** | DC 12V - 24V |
| **Output Power** | 2 x 50W (at 24V) |
| **Output Impedance** | 4$\Omega$ to 8$\Omega$ |
| **Signal-to-Noise Ratio** | 100dB |
| **Frequency Response** | 20Hz - 20kHz |
---
### 2. Core Electronic Components
The board is populated with several critical surface-mount (SMD) and through-hole components that handle power regulation and signal processing:
#### A. Main Amplifier IC (TPA3116D2)
The heart of the module. It uses **Pulse Width Modulation (PWM)** to amplify the audio signal. Because it is Class D, it is over 90% efficient, meaning it generates very little heat compared to traditional analog amplifiers.
#### B. Power Filter Capacitors
You will notice large electrolytic capacitors (usually 1000uF or higher). These serve two purposes:
* **Energy Storage:** Providing "burst" power for deep bass notes.
* **Noise Filtering:** Smoothing out ripples from the DC power supply to prevent humming.
#### C. LC Filter (Inductors and Film Capacitors)
Near the speaker outputs, there are sets of red/gray inductors and small capacitors. This **Low-Pass Filter** removes the high-frequency carrier wave used in Class D amplification, leaving only the clean analog audio for the speakers.
#### D. Potentiometer
A physical knob (variable resistor) used to control the gain or volume by adjusting the resistance of the input signal path.
---
### 3. Connection Interface
| Terminal | Description |
| :--- | :--- |
| **VCC / GND** | Power Input (DC 12-24V). *Reverse polarity can damage the chip.* |
| **Audio Input** | Usually a 3.5mm jack or a 3-pin header (L-GND-R). |
| **L-OUT +/-** | Connection for the Left speaker. |
| **R-OUT +/-** | Connection for the Right speaker. |
---
### 4. Safety and Implementation Tips
* **Heat Dissipation:** Ensure the heatsink is securely attached to the main IC if running at 24V.
* **Power Supply:** Use a "Switching Power Supply" (like a laptop brick) for the best results. A current of at least **3A to 5A** is recommended for full 50W output.
* **Wiring:** Use thick gauge copper wire for speaker outputs to minimize signal loss.
- ⤷
What is the maximum voltage the TF-R-20 can handle before overheating?
- ⤷ How do I bridge the TF-R-20 for a single mono output?
- ⤷ Can I use a 12V battery to power this module?