Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • TNETE21

  • AI
    The **TNETE211** (often referred to in the TNETE series) is a specialized integrated circuit developed by Texas Instruments, primarily designed as a **PCI-to-CardBus Bridge** or a **ThunderLAN™** networking controller component. Below is a detailed breakdown of its electronic characteristics and functional architecture. --- ### 1. Functional Overview The TNETE211 family is typically used in networking hardware or older computer expansion interfaces. Its primary role is to bridge high-speed communication buses or manage Ethernet Medium Access Control (MAC) layers. ### 2. Key Specifications | Feature | Description | | :--- | :--- | | **Manufacturer** | Texas Instruments (TI) | | **Package Type** | LQFP (Low-profile Quad Flat Pack) or BGA | | **Interface** | PCI 2.2 Compliant / CardBus | | **Voltage Supply** | Typically 3.3V (with 5V tolerance on certain pins) | | **Network Support** | 10/100 Mbps Ethernet (MAC Layer) | | **Architecture** | ThunderLAN Technology | --- ### 3. Core Internal Components #### A. PCI Interface Logic This section handles the communication between the chip and the host computer's motherboard. It supports: * **Bus Mastering:** Allows the chip to take control of the PCI bus for direct memory access (DMA). * **Configuration Space:** Registers that allow the BIOS/OS to identify the device. #### B. FIFO Buffers (First-In-First-Out) To prevent data loss during transmission between the fast PCI bus and the slower network cable, the chip contains internal SRAM for: * **Transmit FIFO:** Buffers outgoing data packets. * **Receive FIFO:** Buffers incoming data packets. #### C. PHY Interface (MII) The TNETE211 usually acts as a **MAC (Media Access Controller)**. It requires an external **PHY (Physical Layer)** chip to connect to the actual RJ-45 Ethernet port. They communicate via the **MII (Media Independent Interface)**. --- ### 4. Typical Application Diagram In a standard hardware implementation, the connectivity flow looks like this: ```text [ Host CPU ] <--> [ PCI Bus ] <--> [ TNETE211 (MAC) ] <--> [ PHY Chip ] <--> [ RJ-45 Port ] ``` --- ### 5. Technical Considerations for Design * **Clocking:** Requires a precise crystal oscillator (usually 25 MHz or 33 MHz) to maintain timing for data synchronization. * **Power Management:** Supports ACPI standards, allowing the device to enter low-power states (D0-D3). * **Thermal:** As an older networking chip, it generates moderate heat during high-speed data transfers and usually requires a dedicated copper plane for heat dissipation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MAC and PHY layers in the TNETE211 context?
    • ⤷ Is the TNETE211 still in active production or is it EOL (End of Life)?
    • ⤷ Which drivers are required to operate this chip on modern operating systems?