TPA6133A2_15
AI

The **TPA6133A2** is a high-fidelity, DirectPath™ stereo headphone amplifier manufactured by Texas Instruments. It is widely used in portable devices because it eliminates the need for large DC-blocking output capacitors.
---
## 1. Key Technical Specifications
The "15" in the suffix typically refers to the package type or specific reel quantity in commercial ordering, but the core electronic characteristics remain consistent across the family.
| Parameter | Value / Range |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 2.5V to 5.5V |
| **Output Power** | 138 mW per channel into 16 $\Omega$ |
| **THD+N** | < 0.01% at 1 kHz |
| **PSRR** | 80 dB at 217 Hz |
| **Quiescent Current** | 4 mA (Typical) |
| **Shutdown Current** | < 1 $\mu$A |
---
## 2. Core Electronic Components & Features
### A. DirectPath™ Technology
Traditional headphone amps require large electrolytic capacitors (100µF–220µF) to block DC bias. The TPA6133A2 uses an internal **Charge Pump** to create a negative supply rail.
* **Benefit:** The output is biased at 0V (Ground-centered).
* **Result:** Better low-frequency (bass) response and reduced PCB footprint.
### B. Integrated Gain Control
The device features fixed internal gain (usually 2V/V or 6dB), which reduces the need for external resistors and minimizes noise pickup in the circuit.
### C. Protection Circuitry
The chip includes integrated protection systems to ensure longevity:
* **Short-Circuit Protection:** Prevents damage if the headphone jack is shorted.
* **Thermal Overload Protection:** Shuts down the device if the internal temperature exceeds safe limits (typically 150°C).
---
## 3. Typical Application Circuit
To implement this part, you generally need the following external passive components:
```c
// External Component List
1. C(in) : Input coupling capacitors (0.1uF - 1.0uF)
2. C(fly) : Charge pump flying capacitor (1.0uF)
3. C(pvss): Charge pump storage capacitor (1.0uF)
4. C(vdd) : Power supply decoupling capacitor (0.1uF to 1.0uF)
```
### Pin Configuration Summary
* **VDD / GND:** Power supply pins.
* **INR / INL:** Audio inputs (Left and Right).
* **OUTR / OUTL:** Audio outputs to the headphone jack.
* **EN:** Enable pin (Active High).
* **CPP / CPN:** Connection points for the flying capacitor used by the charge pump.
---
## 4. Advantages in Electronics Design
1. **Pop/Click Suppression:** The internal circuitry suppresses audible "pops" when the device is powered on or off.
2. **Space Efficiency:** Being a "Capless" output design, it saves significant board space compared to older Class-AB amplifiers.
3. **Battery Life:** Low quiescent current makes it ideal for smartphones, tablets, and portable gaming consoles.
- ⤷
What is the difference between Class-AB and the DirectPath architecture used in the TPA6133A2?
- ⤷ How do I calculate the cutoff frequency for the input capacitors?
- ⤷ What are the thermal considerations when driving a 16-ohm load at maximum power?