Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • TPC-312-R853A

  • AI
    The **Advantech TPC-312-R853A** is an industrial-grade Touch Panel PC designed for harsh automation environments. Its electronic architecture is built around low-power consumption and high stability. ### 1. Core Processing & Memory The "R853A" in the model name typically indicates the use of the **Intel® Atom™ x6413E** processor (Elkhart Lake generation), which is optimized for IoT and industrial control. | Component | Specification | | :--- | :--- | | **CPU** | Intel® Atom™ x6413E (Quad-core, 1.5 GHz) | | **RAM** | 1 x SO-DIMM DDR4 (Supports up to 32GB) | | **Storage** | 1 x M.2 (B Key) and 1 x 2.5" SATA SSD/HDD bay | | **Graphics** | Intel® UHD Graphics for 10th Gen Intel® Processors | --- ### 2. Display and Touch Interface The electronics driving the display are designed for industrial visibility and durability, utilizing a Resistive touch controller suitable for gloved operation. * **LCD Panel:** 12.1" XGA TFT LCD with a resolution of 1024 x 768. * **Backlight:** LED-based with a long lifespan (approx. 50,000 hours). * **Touch Controller:** 5-wire analog resistive film, interfaced via internal USB/Serial bus to the motherboard. --- ### 3. Connectivity & I/O Electronics The motherboard integrates several specialized controllers to handle industrial communication protocols. | Interface Type | Electronic Detail | | :--- | :--- | | **Ethernet** | 2 x 10/100/1000 Mbps (Intel i210/i211 controllers) | | **Serial Ports** | 2 x RS-232/422/485 (Software selectable) | | **USB** | 2 x USB 3.2 (Gen 2) and 2 x USB 2.0 | | **Expansion** | 1 x Full-size mPCIe slot and 1 x M.2 slot for Wi-Fi/LTE modules | --- ### 4. Power Management The TPC-312 features a ruggedized power input stage to protect internal components from factory-floor electrical noise. * **Input Voltage:** 24 VDC (Typical industrial standard). * **Protection:** Includes over-voltage, over-current, and reverse polarity protection. * **Isolation:** The chassis is designed for grounding to prevent EMI (Electromagnetic Interference) from affecting the internal CPU logic. --- ### 5. Environmental Specifications (Electronic Ratings) The electronic components are rated to withstand conditions that would fail a standard consumer PC: * **Operating Temperature:** -10 ~ 60°C (14 ~ 140°F). * **Ingress Protection:** The front bezel is **IP66 rated**, protecting the internal circuitry against water and dust. * **Vibration Protection:** Rated for 2 Grms (5 ~ 500 Hz) with SSD.
    ✨ Follow-up Questions
    • ⤷ Does the TPC-312-R853A support PoE (Power over Ethernet)?
    • ⤷ What are the compatible operating systems for the Intel x6413E processor in this unit?
    • ⤷ How do I upgrade the RAM on this specific Advantech model?