Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • TZ2012A

  • AI
    The **TZ2012A** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Crystal Oscillator** or **Resonator**. It is widely used in telecommunications, IoT devices, and consumer electronics to provide a precise frequency reference. --- ## 1. General Specifications The TZ2012A is characterized by its miniature footprint and stability. Below are the common technical parameters found in this series: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Quartz Crystal (XTAL) | | **Frequency Range** | Usually 26.000 MHz (Common for Bluetooth/Wi-Fi) | | **Package Size** | 2.0mm x 1.6mm (2016 SMD) | | **Load Capacitance ($C_L$)** | 7pF to 12pF | | **Frequency Tolerance** | ±10 ppm to ±30 ppm | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Internal Electronic Parts While a crystal oscillator appears as a simple metal or ceramic "can," its internal structure is sophisticated: ### A. Quartz Blank (The Core) The heart of the TZ2012A is a thin slice of synthetic quartz. It utilizes the **Piezoelectric Effect**: when an electric field is applied, the crystal physically deforms. When the field is removed, it vibrates at a specific resonant frequency. ### B. Electrodes Silver or gold electrodes are evaporated onto the surfaces of the quartz blank. These electrodes are the interface through which the electrical signal enters the crystal to stimulate vibration. ### C. Ceramic Base and Metal Lid The "2012" designation refers to the 2.0mm x 1.2mm (or often 2.0 x 1.6) ceramic package. The ceramic base provides high insulation, while the metal lid is seam-sealed to protect the vacuum-packed crystal from moisture and oxidation. --- ## 3. Circuit Application In an electronic circuit, the TZ2012A is usually paired with a pair of **Load Capacitors ($C_1, C_2$)** to ensure the oscillation starts reliably and stays at the correct frequency. ```cpp // Example Schematic Representation // [IC_OSC_IN] ----+---- [Crystal TZ2012A] ----+---- [IC_OSC_OUT] // | | // [C1] [C2] // | | // [GND] [GND] ``` --- ## 4. Typical Applications Due to its small size and high precision, this component is found in: * **Mobile Phones:** Frequency reference for RF transceivers. * **Wearables:** Heart rate monitors and smartwatches (using 32.768 kHz or 26MHz variants). * **IoT Modules:** ESP32 or Bluetooth Low Energy (BLE) chipsets.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TZ2012A and a standard 3225 package crystal?
    • ⤷ How do I calculate the correct load capacitance for this crystal?
    • ⤷ What are the common failure modes of SMD crystals like the TZ2012A?