Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • U74AHC640G-R20-R

  • AI
    ## Technical Overview of U74AHC640G-R20-R The **U74AHC640G-R20-R** is a high-speed CMOS octal bus transceiver featuring 3-state outputs. It is commonly used for asynchronous communication between data buses. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | Advanced High-Speed CMOS (AHC) | | **Function** | Octal Bus Transceiver (Inverting) | | **Output Type** | 3-State (Tri-state) | | **Voltage Range (Vcc)** | 2.0V to 5.5V | | **Channels** | 8-Bit | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | TSSOP-20 (Standard for "R20" suffix) | --- ### 2. Functional Description This device is designed for 8-line asynchronous communication between two buses. The direction of data flow is determined by the **Direction-Control (DIR)** input. * **Inverting Logic:** Unlike the '245 series, the '640 series **inverts** the data from the input bus to the output bus. * **Direction Control:** * If **DIR is High**, data transmits from Port B to Port A (Inverted). * If **DIR is Low**, data transmits from Port A to Port B (Inverted). * **Output Enable ($\overline{OE}$):** When $\overline{OE}$ is High, both ports are placed in a high-impedance (High-Z) state, effectively isolating the buses. --- ### 3. Pin Configuration (TSSOP-20) | Pin No. | Symbol | Description | | :--- | :--- | :--- | | 1 | DIR | Direction Control Input | | 2 - 9 | A1 - A8 | Port A Data I/O (Inverting) | | 10 | GND | Ground | | 11 - 18 | B8 - B1 | Port B Data I/O (Inverting) | | 19 | $\overline{OE}$ | Output Enable (Active Low) | | 20 | Vcc | Power Supply | --- ### 4. Logic Truth Table | $\overline{OE}$ | DIR | Operation | | :---: | :---: | :--- | | L | L | Port B data to Port A (Inverted) | | L | H | Port A data to Port B (Inverted) | | H | X | Isolation (High-Z) | --- ### 5. Application Areas * **Memory Interfacing:** Connecting microprocessors to memory modules where signal inversion is required. * **Bus Buffering:** Providing high-drive capability for long PCB traces or backplanes. * **Logic Level Shifting:** In mixed-voltage systems (when Vcc is set appropriately).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AHC and AHCT logic families for this part?
    • ⤷ Can this chip be used for bidirectional level shifting between 3.3V and 5V?
    • ⤷ What is the maximum propagation delay for this transceiver at 5V?