Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • U74LVC06AL-P14-R

  • AI
    The **U74LVC06AL-P14-R** is a specific integrated circuit (IC) belonging to the Low-Voltage CMOS (LVC) family. It is primarily used for signal buffering and voltage level translation. --- ### 1. General Overview The U74LVC06A consists of **six independent inverting buffers** with open-drain outputs. Because it has open-drain outputs, it requires external pull-up resistors to function as a standard logic inverter. | Feature | Specification | | :--- | :--- | | **Logic Type** | Inverter (Open Drain) | | **Number of Circuits** | 6 (Hex) | | **Voltage Supply (Vcc)** | 1.2V to 3.6V | | **Package Type** | TSSOP-14 (indicated by P14) | | **Operating Temperature** | -40°C to +125°C | ### 2. Key Characteristics * **Open-Drain Outputs:** The outputs can be connected to voltages higher than the $V_{CC}$ of the chip (up to 5.5V), making it excellent for **Level Shifting**. * **Low Power Consumption:** Designed for battery-operated or energy-efficient electronics. * **5V Tolerant Inputs:** The inputs can handle up to 5.5V even when the supply voltage is lower (e.g., 3.3V). * **High Drive Capability:** Can sink up to 24mA of current at 3.3V. ### 3. Pin Configuration (TSSOP-14) The device follows a standard Hex Inverter pinout layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 3, 5, 9, 11, 13 | 1A to 6A | Data Inputs | | 2, 4, 6, 8, 10, 12 | 1Y to 6Y | Data Outputs (Open-Drain) | | 7 | GND | Ground | | 14 | $V_{CC}$ | Positive Supply | --- ### 4. Part Number Breakdown The suffixing follows UTC (Unisonic Technologies Co.) naming conventions: * **U74LVC**: Logic Family (Low Voltage CMOS). * **06**: Logic Function (Hex Inverter with Open-Drain). * **A**: Revision/Advanced version. * **L**: Lead-free/RoHS compliant. * **P14**: TSSOP-14 Package. * **R**: Taping/Reel packaging. ### 5. Common Applications 1. **Level Translation:** Converting 1.8V or 3.3V logic signals to 5V logic. 2. **Wired-OR Gates:** Connecting multiple open-drain outputs together to a single pull-up resistor. 3. **LED Drivers:** Sinking current to turn on LEDs. 4. **Bus Interfacing:** Isolating different parts of a circuit. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum output voltage supported by the open-drain pins?
    • ⤷ How do I calculate the pull-up resistor value for this IC?
    • ⤷ Can this IC be used to interface a 3.3V MCU with a 5V sensor?