Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • U74LVC1G00L-AF5-R

  • AI
    The **U74LVC1G00L-AF5-R** is a high-performance, low-voltage CMOS device. Specifically, it is a **2-input positive-NAND gate** housed in a small footprint package, commonly used in modern portable electronics and space-constrained PCB designs. --- ### ## Technical Specifications The following table summarizes the core electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Logic Function** | 2-Input NAND Gate | | **Logic Family** | LVC (Low Voltage CMOS) | | **Operating Voltage (Vcc)** | 1.65V to 5.5V | | **Output Current ($I_{OH}/I_{OL}$)** | ±24mA (at 3.0V) | | **Propagation Delay** | ~3.3ns (typical at 3.3V) | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-25 / SOT-23-5 (AF5) | | **RoHS Status** | Lead-Free / Halogen Free | --- ### ## Pin Configuration and Logic The device features 5 pins. The logic operation follows the standard NAND truth table: if both inputs are High, the output is Low; otherwise, the output remains High. #### **Pinout Description** 1. **IN B**: Input B 2. **IN A**: Input A 3. **GND**: Ground (0V) 4. **OUT Y**: Output ($\overline{A \cdot B}$) 5. **Vcc**: Power Supply #### **Truth Table** | Input A | Input B | Output Y | | :---: | :---: | :---: | | L | L | H | | L | H | H | | H | L | H | | H | H | L | --- ### ## Key Features * **$I_{off}$ Circuitry:** Supports partial power-down mode operation. This prevents damaging backflow current through the device when it is powered down. * **Wide Voltage Range:** Compatible with 1.8V, 2.5V, 3.3V, and 5V systems, making it excellent for voltage level translation. * **High Drive Capability:** The ±24mA output current allows it to drive significant loads or multiple inputs without signal degradation. * **Overvoltage Tolerant Inputs:** The inputs can handle up to 5.5V regardless of the supply voltage ($V_{cc}$). --- ### ## Typical Applications * **Signal Inversion/Logic Processing:** Basic logic building blocks in motherboards and industrial controllers. * **Pulse Shaping:** Cleaning up slow-rising edges of digital signals. * **Level Shifting:** Interfacing between a 3.3V MCU and a 5V peripheral (or vice-versa). * **Portable Electronics:** Used in smartphones and tablets due to the ultra-small AF5 (SOT-25) packaging. ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the LVC and AHC logic families?
    • ⤷ Can this NAND gate be used as a simple inverter?
    • ⤷ What is the maximum power dissipation for the SOT-25 package?