Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • U74LVC1G14L-AF5-R

  • AI
    ## Technical Overview: U74LVC1G14L-AF5-R The **U74LVC1G14L-AF5-R** is a high-performance, low-voltage CMOS device. Specifically, it is a **Single Schmitt-Trigger Inverter**. This component is widely used for signal conditioning, noise reduction, and logic level shifting in modern electronics. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Logic Type** | Inverter with Schmitt Trigger | | **Number of Circuits** | 1 | | **Operating Voltage (Vcc)** | 1.65V to 5.5V | | **Output Current (Ioh/Iol)** | ±32 mA (at 4.5V) | | **Propagation Delay** | ~3.0 ns (at 5V, Typical) | | **Package Type** | SOT-25 / SOT-23-5 (AF5) | | **Operating Temperature** | -40°C to +85°C | | **Input Hysteresis** | Typ. 100mV to 600mV (depending on Vcc) | --- ### 2. Functional Features * **Schmitt-Trigger Action:** Unlike standard inverters, this device has different input threshold levels for positive-going and negative-going signals. This allows it to transform slowly changing or noisy input signals into sharply defined, jitter-free output signals. * **Ioff Circuitry:** Supports partial power-down mode. When the device is powered down ($V_{CC} = 0V$), the inputs and outputs are disabled, preventing damaging backflow current into the device. * **Wide Voltage Range:** Compatible with 1.8V, 2.5V, 3.3V, and 5V logic families, making it ideal for mixed-voltage systems. --- ### 3. Pin Configuration (SOT-23-5) | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | NC | No Connection | | 2 | A | Data Input | | 3 | GND | Ground (0V) | | 4 | Y | Data Output (Inverted) | | 5 | Vcc | Supply Voltage | --- ### 4. Part Number Breakdown Understanding the suffix codes: * **U74LVC1G**: Part family (Low Voltage CMOS, 1-Gate). * **14**: Logic Function (Hex Inverter with Schmitt Trigger). * **L**: Lead-free/Halogen-free. * **AF5**: Package code for SOT-23-5 / SOT-25. * **R**: Tape and Reel packaging. --- ### 5. Common Applications 1. **Pulse Shapers:** Cleaning up distorted square waves. 2. **Debouncing Circuits:** Removing mechanical noise from tactile switches or buttons. 3. **Oscillators:** Can be used with a resistor and capacitor to create a simple RC relaxation oscillator. 4. **Level Shifting:** Translating signals between different voltage rails (e.g., 3.3V to 5V).
    ✨ Follow-up Questions
    • ⤷ How does the Schmitt-trigger hysteresis voltage change at different Vcc levels?
    • ⤷ What is the maximum power dissipation for the AF5 package?
    • ⤷ Can this device be used as a simple buffer if the inversion is not desired?