Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • U74LVC1G34G-AF5-R

  • AI
    ## Analysis of U74LVC1G34G-AF5-R The **U74LVC1G34G-AF5-R** is a specific electronic component manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is a single-gate logic buffer designed for low-voltage operations. --- ### 1. General Specifications This device belongs to the **LVC (Low Voltage CMOS)** family, which is widely used in modern electronics for level shifting and signal buffering. | Parameter | Specification | | :--- | :--- | | **Logic Function** | Single Buffer (Non-Inverting) | | **Logic Family** | LVC (Low Voltage CMOS) | | **Number of Channels** | 1 | | **Operating Voltage ($V_{CC}$)** | 1.65V to 5.5V | | **Output Current ($I_{OH}/I_{OL}$)** | ±24mA at 3.0V | | **Package Type** | SOT-25 / SOT-23-5 (AF5) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Part Number Breakdown Understanding the suffix codes helps identify the packaging and material: * **U74LVC1G34**: The core device name (Single Buffer Gate). * **G**: Denotes "Halogen Free" and "RoHS Compliant". * **AF5**: Refers to the **SOT-25** (also known as SOT-23-5) package. * **R**: Indicates **Tape & Reel** packaging for automated assembly. --- ### 3. Pin Configuration (SOT-25) The device typically follows the standard single-gate pinout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | NC | No Internal Connection | | 2 | A | Data Input | | 3 | GND | Ground | | 4 | Y | Data Output | | 5 | $V_{CC}$ | Supply Voltage | --- ### 4. Key Features & Applications #### Features: * **Wide Supply Range:** Supports legacy 5V systems and modern 1.8V/2.5V/3.3V systems. * **$I_{OFF}$ Circuitry:** Supports partial-power-down mode operation. It prevents damaging backflow current when the device is powered down. * **Overvoltage Tolerant:** Inputs can handle up to 5.5V regardless of the supply voltage ($V_{CC}$), making it an excellent **level shifter**. #### Applications: 1. **Signal Isolation:** Isolating sensitive MCU pins from external loads. 2. **Driving High Loads:** Providing extra current to drive LEDs or long PCB traces. 3. **Voltage Level Translation:** Translating a 5V signal down to 3.3V logic. --- ### 5. Truth Table The U74LVC1G34 is a non-inverting buffer. The output state simply follows the input state. | Input (A) | Output (Y) | | :---: | :---: | | L | L | | H | H | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum propagation delay for this device at 3.3V?
    • ⤷ Can this part be used to convert 3.3V logic to 5V logic?
    • ⤷ What are the equivalent alternative part numbers from TI or Nexperia?