Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • UB6054G-AF5-R

  • AI
    ## Overview of UB6054G-AF5-R The **UB6054G-AF5-R** is a high-performance, low-dropout (LDO) linear voltage regulator manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is primarily designed for battery-powered applications and portable electronics where low power consumption and high stability are critical. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | UB6054G-AF5-R | | **Package Type** | SOT-25 / SOT-23-5 | | **Input Voltage Range** | Up to 6.5V | | **Output Voltage** | Fixed (Commonly 5V, depending on variant) | | **Output Current** | ~500mA - 600mA | | **Quiescent Current** | Low (Typically < 100µA) | | **Protection Features** | Thermal Shutdown, Short Circuit Protection | | **RoHS Status** | Halogen-free and Lead-free (indicated by 'G') | --- ### Pin Configuration (SOT-25) The device typically utilizes a 5-pin configuration. Below is a standard layout for this series: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VIN** | Power Supply Input | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BYP** | No Connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage | --- ### Technical Characteristics * **Low Dropout Voltage:** This allows the device to maintain a stable output even when the input voltage is very close to the output voltage, extending battery life. * **Built-in Protection:** * **Current Limiting:** Protects the device during overload conditions. * **Thermal Shutdown:** Automatically turns off the regulator if the internal temperature exceeds safe limits. * **G-Suffix Meaning:** The "G" in the part number denotes that it is **Halogen-free**, which is an environmental compliance standard beyond standard RoHS. * **R-Suffix Meaning:** The "R" usually indicates the packaging format, specifically **Tape and Reel**, used for automated SMT (Surface Mount Technology) assembly. --- ### Typical Application Circuit To ensure stability, LDOs require external capacitors. A typical implementation involves: ```markdown 1. Input Capacitor (Cin): 1µF Ceramic (placed close to VIN) 2. Output Capacitor (Cout): 2.2µF to 10µF Ceramic (placed close to VOUT) 3. Enable Pin: Connected to VIN to keep the device active. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific dropout voltage values for the UB6054G at full load?
    • ⤷ Can this regulator be used with an input voltage higher than 7V?
    • ⤷ What is the thermal resistance (Theta-JA) for the SOT-25 package used in this part?