VPH4-0075-R
AI

The **VPH4-0075-R** is a specific high-frequency power inductor part of the **VPH series** manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). These components are primarily designed for use in high-density power conversion applications.
---
### 1. Technical Specifications
The following table highlights the key electrical and physical characteristics of the VPH4-0075-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 7.5 µH (Nominal) |
| **Rated Current ($I_{rms}$)** | ~1.6 - 2.1 Amperes (Typical) |
| **Saturation Current ($I_{sat}$)** | ~2.5 - 3.0 Amperes |
| **DC Resistance (DCR)** | ~0.08 - 0.12 $\Omega$ (Max) |
| **Configuration** | Shielded Drum Core |
| **Operating Temp** | -40°C to +125°C |
| **Packaging** | Surface Mount (SMD) |
---
### 2. Key Electronic Features
* **Magnetic Shielding:** The "VPH" series is shielded, which minimizes Electromagnetic Interference (EMI). This is critical for densely packed PCBs where components are close to sensitive analog signals.
* **High Frequency Performance:** These inductors are optimized for switching frequencies ranging from **100 kHz up to 1 MHz**, making them suitable for modern DC-DC converters.
* **Low Core Loss:** Constructed using ferrite materials that reduce energy loss during high-frequency switching, thereby increasing the overall efficiency of the power supply.
* **Rugged Construction:** The "R" suffix typically denotes RoHS compliance, ensuring the part meets environmental standards for lead-free electronics.
---
### 3. Common Applications
The VPH4-0075-R is versatile and generally found in the following circuits:
1. **DC-DC Converters:** Buck (step-down), Boost (step-up), and SEPIC topologies.
2. **Point of Load (POL):** Used in telecommunications and computing to provide regulated voltage to CPUs or FPGAs.
3. **Battery Powered Devices:** Due to its small footprint and efficiency, it is ideal for handheld industrial tools or portable medical equipment.
4. **Filtering:** Used as an output filter inductor to smooth out ripple current in power supplies.
---
### 4. Footprint and Mounting
The part uses a square or rectangular SMD footprint (often referred to as the "Versa-Pac" style in larger variants, though VPH is usually a standard shielded drum).
```markdown
Pinout/Mounting Note:
- The component is non-polarized (can be soldered in either direction).
- Ensure the solder pad dimensions match the manufacturer's suggested land pattern to prevent "tombstoning" during reflow.
```
- ⤷
What are the direct equivalents or alternatives to the VPH4-0075-R?
- ⤷ How does saturation current affect the performance of this inductor in a buck converter?
- ⤷ What is the specific physical dimension (case size) of the VPH4 series?