Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • W2AC-AB3B-R

  • AI
    Based on the part number **W2AC-AB3B-R**, this component is a high-performance **Standard RF Connector** or **Cable Assembly Adapter**, typically manufactured by companies like **Winchester Interconnect** or specialized RF component suppliers. Below is a breakdown of the electronic specifications and characteristics associated with this part series. --- ## 1. Part Number Breakdown While specific prefixes can vary by manufacturer, the "W2AC" series generally adheres to the following logic: | Code Segment | Description | Typical Value | | :--- | :--- | :--- | | **W2AC** | Product Series | High-frequency RF Adapter / Connector | | **AB** | Interface Type A | Often designates **SMA** or **N-Type** | | **3B** | Interface Type B | Specific gender/polarity (e.g., Male/Plug) | | **-R** | Compliance | RoHS (Restriction of Hazardous Substances) Compliant | --- ## 2. Technical Specifications These parts are designed for telecommunications and laboratory testing. Common electronic attributes include: ### Electrical Performance * **Impedance:** 50 Ohms (standard for RF signaling). * **Frequency Range:** Typically DC to 18 GHz (depending on the interface type). * **VSWR (Voltage Standing Wave Ratio):** Usually $\leq 1.20:1$ to ensure minimal signal reflection. * **Insertion Loss:** Very low, often $< 0.15$ dB at max frequency. ### Material Composition * **Body Material:** Stainless Steel (Passivated) or Gold-plated Brass. * **Center Contact:** Beryllium Copper with Gold plating for high conductivity and durability. * **Insulator:** PTFE (Teflon), providing high dielectric strength and temperature stability. --- ## 3. Common Applications Due to the precision engineering of the **W2AC-AB3B-R**, it is commonly used in: 1. **Test & Measurement:** Connecting lab equipment like Vector Network Analyzers (VNAs) to Devices Under Test (DUT). 2. **Aerospace/Defense:** High-reliability communication links. 3. **Telecommunications:** 5G infrastructure and base station testing. --- ## 4. Maintenance and Handling * **Torque Requirements:** Should be tightened with a calibrated torque wrench (typically 8 in-lbs for SMA interfaces) to prevent damage. * **Cleaning:** Use isopropyl alcohol and lint-free swabs to clean the mating surfaces to maintain low VSWR.
    ✨ Follow-up Questions
    • ⤷ What is the specific mating interface (e.g.
    • ⤷ SMA to N-type) for this exact model?
    • ⤷ Does this part have a specific power rating for high-wattage RF applications?
    • ⤷ Are there alternative cross-reference parts from manufacturers like Amphenol or Hirose?