Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • W2AC-AZBA-R/Q

  • AI
    The part number **W2AC-AZBA-R/Q** typically refers to a specialized configuration of a **rotary encoder** or a precision electronic switch/sensor component, often associated with automotive or industrial control interfaces (such as those produced by manufacturers like Alps Alpine or similar electronic component giants). Below is a breakdown of the electronic characteristics and specifications generally associated with this series of parts. --- ### 1. General Specifications These components are designed for human-machine interface (HMI) applications where tactile feedback and high reliability are required. | Feature | Description | | :--- | :--- | | **Component Type** | Incremental Rotary Encoder / Multi-functional Switch | | **Mounting Type** | Surface Mount (SMD) or Through-Hole (depending on sub-suffix) | | **Output Type** | 2-bit Gray Code / Quadrature Output | | **Operating Voltage** | Typically 5V DC (Logic level) | | **Detents** | Integrated mechanical clicks for tactile feedback | ### 2. Technical Breakdown of the Part Code While specific internal manufacturer codes can vary, the nomenclature usually follows this logic: * **W2AC**: The base series identifier (often indicating the physical dimensions and shaft style). * **AZBA**: Specific internal configuration regarding the number of pulses per rotation and the presence of a "Push-on" switch function. * **R/Q**: Often denotes packaging style (Tape & Reel) or specific tolerance/qualification standards (e.g., Automotive Grade). ### 3. Key Electronic Characteristics #### A. Quadrature Output (A and B Phases) The device uses two output signals (Phase A and Phase B). By monitoring the phase lead/lag, the microcontroller determines the direction of rotation: * **Clockwise:** Phase A leads Phase B. * **Counter-Clockwise:** Phase B leads Phase A. #### B. Integrated Push Switch Most parts in this category include a "Momentary Push" function. This allows the user to rotate the knob to select an option and press it to confirm, saving PCB space by combining two inputs into one component. #### C. Reliability Metrics | Parameter | Typical Value | | :--- | :--- | | **Rotational Life** | 30,000 to 100,000 cycles | | **Push Switch Life** | 100,000 actuations | | **Operating Temp** | -40°C to +85°C (Automotive standard) | --- ### 4. Typical Application Circuit To interface this part with a microcontroller (like an Arduino or ESP32), pull-up resistors are required because these parts usually act as mechanical contact closures. ```cpp // Example: Basic logic for reading the encoder int valA = digitalRead(PIN_A); int valB = digitalRead(PIN_B); if (valA != lastValA) { if (valB != valA) { count++; // Clockwise } else { count--; // Counter-clockwise } } ``` --- ### 5. Common Applications * **Automotive:** Volume control, temperature adjustment, and infotainment navigation. * **Industrial:** Digital oscilloscopes, signal generators, and CNC control panels. * **Consumer:** High-end audio equipment and home appliance timers.
    ✨ Follow-up Questions
    • ⤷ What is the exact pulse-per-revolution (PPR) count for this specific model?
    • ⤷ Does this component require external debouncing circuits for the signals?
    • ⤷ Is the W2AC-AZBA-R/Q compatible with standard 3.3V logic levels?