W2AP-32D-R2/UL
AI

## Detailed Overview of the W2AP-32D-R2/UL
The **W2AP-32D-R2/UL** is a specific model of an **AC Axial Fan**, typically manufactured by companies like **Orion Fans** or **Knight Electronics**. These components are widely used in industrial enclosures and server racks for thermal management.
---
### 1. Technical Specifications
The following table summarizes the primary electronic and mechanical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 230V AC (Operating range: 200~240V) |
| **Frequency** | 50 / 60 Hz |
| **Power Consumption** | ~11 Watts |
| **Bearing Type** | Dual Ball Bearing (R2 designation) |
| **Airflow Capacity** | Approx. 30 - 35 CFM |
| **Rotation Speed** | 2,700 - 3,000 RPM |
| **Safety Certification** | UL (Underwriters Laboratories) Recognized |
| **Termination** | Lead Wires or Terminals (Standard 2-wire) |
---
### 2. Key Electronic Components
The internal construction of the W2AP-32D-R2/UL consists of several critical sub-components that manage the conversion of AC power into mechanical rotation:
* **Shaded Pole Motor:** This is a self-starting AC single-phase induction motor. It uses a copper ring (shading coil) around a portion of each pole to create a lagging magnetic field, providing the necessary starting torque.
* **Stator Windings:** High-quality copper windings insulated to Class B or F standards to withstand heat during continuous operation.
* **Capacitor-less Design:** Unlike larger AC motors, these small axial fans typically do not require a start capacitor, reducing the number of potential points of failure.
* **Impedance Protection:** The motor is designed to withstand a locked-rotor condition without catching fire or suffering immediate electrical failure. The internal resistance limits the current flow if the blades are obstructed.
---
### 3. Application and Maintenance
Because this model uses **Dual Ball Bearings**, it is electronically rated for a significantly longer lifespan compared to sleeve bearing fans.
1. **Mounting:** Can be mounted in any orientation (horizontal, vertical, or angled).
2. **Environmental Protection:** Often features an aluminum die-cast frame to act as a heat sink for the motor coils.
3. **EMI/RFI:** Produces minimal electromagnetic interference, making it suitable for sensitive electronic environments.
---
- ⤷What is the difference between the R2 (Ball Bearing) and sleeve bearing versions of this fan?
- ⤷ What are the specific dimensions of the W2AP-32D-R2/UL housing?
- ⤷ How does the 'Impedance Protection' feature work in AC axial fans?