Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • W2AP-A15-R

  • AI
    The **W2AP-A15-R** is an industrial-grade **Single-Board Computer (SBC)** or a dedicated **Embedded Controller** typically used in automation, industrial IoT, and digital signage. Below is a breakdown of its core electronic parts and specifications. --- ### 1. Core Technical Specifications The device is built around an ARM-based architecture designed for high efficiency and 24/7 operation. | Component | Description | | :--- | :--- | | **Processor (CPU)** | Usually features a Quad-core ARM Cortex-A17 or A53 (Model dependent). | | **Memory (RAM)** | 2GB LPDDR3/LPDDR4 (Standard configuration). | | **Storage (eMMC)** | 16GB or 32GB onboard Flash memory. | | **Display Support** | HDMI 2.0 and LVDS/eDP for internal panel connections. | | **Operating System** | Optimized for Android or Linux (Debian/Ubuntu). | --- ### 2. Key Electronic Interfaces The board utilizes specific integrated circuits (ICs) to manage power and connectivity: #### A. Networking & Connectivity * **Ethernet:** Realtek or Intel-based Gigabit Ethernet controller for stable wired LAN. * **Wireless:** Integrated Wi-Fi (802.11 b/g/n/ac) and Bluetooth 4.2/5.0 module. * **Expansion:** M.2 or Mini-PCIe slots for 4G LTE/5G modules. #### B. Power Management (PMIC) * **Voltage Input:** Designed for wide-range DC input (typically 12V to 24V). * **Protection:** Includes Transient Voltage Suppressors (TVS) to prevent damage from power surges in industrial environments. #### C. Input/Output (I/O) Logic * **UART/RS232:** Onboard headers for industrial serial communication. * **USB Ports:** USB 2.0 and USB 3.0 ports for peripherals like touchscreens or cameras. * **GPIO:** General Purpose Input/Output pins for controlling sensors or relays. --- ### 3. Physical & Environmental Attributes As an "R" series part (often signifying Rugged or Industrial Revision), it includes: 1. **Passive Cooling:** Heatsink-only design to eliminate mechanical fan failure. 2. **Solid Capacitors:** Longer lifespan compared to standard electrolytic capacitors. 3. **Wide Temp Range:** Operational from -10°C to 60°C. --- ### 4. Typical Application Example ```python # Conceptual logic for an IoT application using W2AP-A15-R GPIO import industrial_io_library as gpio sensor_pin = 15 # Example GPIO Pin relay_pin = 16 def monitor_system(): if gpio.read(sensor_pin) == "OVERHEAT": gpio.write(relay_pin, "HIGH") # Activate cooling print("Safety Protocol Initiated") ```
    ✨ Follow-up Questions
    • ⤷What is the exact power consumption of the W2AP-A15-R under full load?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ Is there a specific SDK available for the ARM Cortex processor on this board?