Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • W2AP-A15-R2SLASHN

  • AI
    The **W2AP-A15-R2** is a high-performance, industrial-grade wireless access point module typically used in embedded networking applications. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Qualcomm Atheros (typically AR9344 or similar QCA series) | | **Wireless Standard** | IEEE 802.11a/n (5GHz band) | | **Data Rate** | Up to 300 Mbps (2x2 MIMO) | | **Frequency Range** | 5.180 GHz ~ 5.825 GHz | | **Interface** | Mini-PCIe (Peripheral Component Interconnect Express) | | **Output Power** | High power (often up to 26-28 dBm depending on region) | --- ### 2. Major Electronic Subsystems #### A. The SoC (System on Chip) At the heart of the W2AP-A15-R2 is a **Qualcomm Atheros wireless SoC**. This chip integrates: * **CPU:** A MIPS-based processor handling network protocols and data routing. * **MAC/Baseband:** Manages the Medium Access Control layer and digital signal processing. * **Radio Transceiver:** Converts digital data into analog RF signals. #### B. RF Front-End Module (FEM) The "R2" revision often signifies enhancements in the RF path. It includes: * **Power Amplifiers (PA):** Boosts the signal for long-range transmission. * **Low Noise Amplifiers (LNA):** Increases sensitivity to receive weak signals from distant clients. * **RF Switches:** Rapidly toggles between Transmit (TX) and Receive (RX) modes. #### C. Connectivity and Power * **I-PEX (U.FL) Connectors:** Two miniature RF connectors for external antennas, enabling 2x2 MIMO spatial multiplexing. * **Mini-PCIe Interface:** Provides the physical and electrical connection to the host board (e.g., an industrial PC or a specialized router board). * **Voltage Regulators:** Onboard DC-DC converters that step down the 3.3V power from the Mini-PCIe slot to the voltages required by the chipset. --- ### 3. Application Use Cases Due to its robust design, this module is commonly found in: 1. **Outdoor Wireless Bridges:** Long-distance Point-to-Point (PTP) links. 2. **Industrial Mesh Networks:** Reliable connectivity in factory environments. 3. **Enterprise Access Points:** Used as the wireless radio card inside high-end ceiling-mounted APs. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for this Mini-PCIe module?
    • ⤷ Is the W2AP-A15-R2 compatible with OpenWRT firmware?
    • ⤷ What type of antennas are recommended for use with the I-PEX connectors?