Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • W2CA-5AB-R/N

  • AI
    The **W2CA-5AB-R/N** is a specific model within the series of high-quality **industrial slide switches** or **limit switches** (often associated with manufacturers like Copal Electronics or Nidec). These components are designed for high reliability in signal switching for industrial equipment. ### 1. Technical Specifications Breakdown The part number indicates specific physical and electrical characteristics. Below is a summary of the typical technical specifications for this series: | Parameter | Specification | | :--- | :--- | | **Type** | Slide Switch / Detection Switch | | **Circuit Configuration** | SPDT (Single Pole Double Throw) | | **Contact Material** | Gold Plated (indicated by 'A' in many series) | | **Current Rating** | Typically 0.1A to 0.5A @ 12V-24V DC | | **Terminal Type** | Right Angle (R) / Through-hole | | **Mechanical Life** | 10,000 to 50,000 cycles | | **Operating Force** | 1.5N to 3.0N | --- ### 2. Key Electronic Components & Materials The "Electronic Parts" within this switch are comprised of the following elements: 1. **Contacts (The "Heart"):** * **Substrate:** Usually a copper alloy base. * **Plating:** Often uses Gold (Au) over Nickel (Ni). This ensures low contact resistance and prevents oxidation, which is critical for low-voltage logic signals. 2. **Actuator:** * Made of heat-resistant engineering plastic (e.g., PBT or PA66). It physically moves the internal slider to bridge the contacts. 3. **Housing:** * Constructed from high-dielectric strength plastic to prevent electrical leakage between terminals. 4. **Terminals:** * The "R/N" suffix often refers to the **Right Angle** orientation and the specific **Lead-free/RoHS** compliance of the pins. These are designed for PCB (Printed Circuit Board) mounting. --- ### 3. Part Number Decoding (Typical) While nomenclature can vary slightly by manufacturer, the breakdown usually follows this logic: * **W2CA:** Series identifier (Miniature slide/limit switches). * **5:** Number of positions or specific mechanical stroke length. * **A:** Contact material (Gold). * **B:** Packaging or Bracket type (Bulk/Tray). * **R/N:** **R**ight Angle orientation / **N**on-shorting contact type. --- ### 4. Common Applications Because of its precision and gold-plated contacts, this part is used in: * **Logic Switching:** Selecting modes on a PCB. * **Position Detection:** Detecting if a door or lever is closed in industrial machinery. * **Handheld Devices:** Power or function selection where space is limited. ---
    ✨ Follow-up Questions
    • ⤷What is the exact maximum voltage rating for the W2CA series?
    • ⤷ Does this switch support 'Shorting' or 'Non-shorting' contact timing?
    • ⤷ Is there a surface-mount (SMD) equivalent for the W2CA-5AB-R/N?