Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • W2CE-1B4-R2/N

  • AI
    The **W2CE-1B4-R2/N** refers to a high-performance **Industrial LCD Monitor/Display Controller** assembly, typically associated with industrial automation and human-machine interface (HMI) systems. Below is a breakdown of its electronic characteristics and technical specifications. --- ### ## Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Industrial LCD Control Unit / Monitor Assembly | | **Input Voltage** | Typically 12V - 24V DC (Industrial Grade) | | **Resolution Support** | Usually optimized for WXGA or Full HD (depending on the panel) | | **Interface Type** | LVDS (Low-Voltage Differential Signaling) for internal display link | | **Operating Temp** | -10°C to +60°C (Extended range for factory environments) | | **Mounting Style** | Panel Mount or VESA compatible | --- ### ## Key Electronic Components The "W2CE" series generally consists of three primary electronic subsystems: #### 1. The AD Board (Analog-to-Digital Converter) This is the "brain" of the unit. It takes external signals (like VGA, DVI, or HDMI) and converts them into a digital format that the LCD panel can understand. It manages: * **EDID Data:** Communicates the display's capabilities to the connected PC. * **Scaling:** Resizing incoming video signals to fit the native resolution of the screen. #### 2. Inverter / LED Driver Circuit The **-R2/N** suffix often denotes a specific revision of the backlight driver. * **Function:** Regulates the power sent to the LED strips behind the LCD. * **Dimming:** Supports PWM (Pulse Width Modulation) or Analog dimming to adjust brightness levels via the OSD (On-Screen Display). #### 3. Power Management Module Designed for harsh electrical environments, this section includes: * **Voltage Regulators:** Steps down the input voltage to the 3.3V or 5V required by the logic chips. * **Protection:** Includes MOV (Metal Oxide Varistors) and fuses to protect against industrial power surges. --- ### ## Connection Interface The unit typically features a standardized set of industrial I/O: * **Video Input:** Usually a combination of D-Sub (VGA) and DVI/HDMI. * **Touch Interface:** If equipped with a touch layer, it uses a USB or RS-232 (Serial) header. * **OSD Header:** A 5-button or 7-button interface for manual screen adjustments (Brightness, Contrast, Auto-adjust). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the R2 revision?
    • ⤷ Is the W2CE-1B4-R2/N compatible with resistive or capacitive touchscreens?
    • ⤷ Does this model support OSD lockout for industrial security?