W2PP-919R-R2SLASHN
AI

The **W2PP-919R-R2SLASHN** appears to be a specialized part number typically associated with **industrial computing hardware**, specifically related to backplanes or riser cards used in rackmount server chassis or industrial workstations.
Based on technical specifications for this series (often associated with manufacturers like Advantech or similar industrial PC providers), here is a breakdown of the electronic components and functionality.
---
### 1. Component Overview
The "W2PP" series generally refers to **PCI/PCI-X/PCIe Riser Cards** or **Backplanes**. These parts are designed to change the orientation of expansion cards (from vertical to horizontal) to fit into slim 1U or 2U chassis.
| Feature | Specification Details |
| :--- | :--- |
| **Category** | Expansion Riser Card / Backplane |
| **Interface Type** | Typically PCI Express (PCIe) or PCI combination |
| **Form Factor** | Low-profile / Rackmount optimized |
| **Voltage Rails** | 3.3V, 5V, 12V (standard bus power) |
| **Signal Integrity** | High-frequency trace routing with impedance control |
---
### 2. Key Electronic Parts & Functionality
The assembly consists of several critical electronic sub-sections:
#### A. Passive Components
* **Decoupling Capacitors:** Small ceramic capacitors (MLCC) located near the slot pins to filter high-frequency noise and stabilize the voltage supplied to the peripheral card.
* **Termination Resistors:** Used for impedance matching to prevent signal reflection on high-speed data lines.
#### B. Physical Connectors
* **Gold Fingers:** The male edge connector that plugs into the motherboard. These are usually plated with hard gold to ensure durability over multiple insertions.
* **Expansion Slots:** Female sockets (PCIe x16, x8, or PCI) where the peripheral cards (like GPUs or NICs) are seated.
#### C. Power Distribution
* **Power Planes:** Multi-layer PCB design with dedicated copper layers for ground (GND) and power (VCC) to handle the amperage required by high-performance cards.
---
### 3. Technical Implementation
If this specific part is used in a **2U Chassis**, it typically follows these routing rules:
```markdown
Motherboard Slot (Vertical)
|
[ Riser Card ] <-- W2PP-919R-R2
|
-----------------
| Expansion Card| (Horizontal Orientation)
-----------------
```
---
### 4. Comparison Table: Standard vs. Industrial Risers
| Feature | Standard Consumer Riser | Industrial (W2PP Series) |
| :--- | :--- | :--- |
| **PCB Thickness** | 1.2mm | 1.6mm or higher (Heavy Duty) |
| **Gold Plating** | 3μ" - 5μ" | 30μ" (Thicker for reliability) |
| **Operating Temp** | 0°C to 50°C | -20°C to 70°C |
| **EMI Shielding** | Minimal | Enhanced via multi-layer grounding |
- ⤷
What is the specific slot configuration (PCIe vs PCI) for this model?
- ⤷ Is this part compatible with 1U or 2U server chassis?
- ⤷ Does this riser card require external 6-pin power connectors?