Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • W2TS-1AB-R

  • AI
    The **W2TS-1AB-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide physical feedback to a user. --- ### 1. General Specifications The following table highlights the core characteristics of the W2TS-1AB-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Switch Function** | Momentary (Normally Open) | | **Actuation Force** | Typically 1.6N to 2.5N (varies by sub-series) | | **Contact Rating** | 50mA @ 12VDC (Standard) | --- ### 2. Key Internal Components The W2TS-1AB-R is composed of several high-precision parts working together: 1. **Actuator (Stem):** The physical button top that the user presses. It is usually made of heat-resistant plastic (LCP or Nylon) to survive the SMT soldering process. 2. **Contact Dome:** A snap-action metal disc (usually stainless steel or phosphor bronze). This is the "heart" of the switch; it provides the "click" feel and bridges the electrical circuit when pressed. 3. **Cover:** A metal plate that secures the internal components and provides structural integrity. 4. **Base:** A molded plastic housing with integrated metal terminals. 5. **Terminals:** Lead-frame pins coated in silver or gold to ensure low contact resistance and high solderability. --- ### 3. Electrical and Mechanical Behavior * **Momentary Action:** The circuit is only closed while the button is actively being pressed. Once released, the contact dome springs back, breaking the connection. * **Tactile Feedback:** The "snap" sensation is a mechanical result of the dome collapsing under pressure. * **Sealing:** The "W" in the prefix often denotes a degree of **waterproofing** or dust resistance (often IP67 rated), making it suitable for outdoor or harsh environment applications. --- ### 4. Common Applications * **Consumer Electronics:** Power buttons on smartphones, volume rockers, and camera shutters. * **Automotive:** Steering wheel controls, dashboard buttons, and key fobs. * **Medical Devices:** Control panels for portable diagnostic equipment.
    ✨ Follow-up Questions
    • ⤷ What is the exact IP rating for the W2TS series?
    • ⤷ How does the 'R' suffix affect the packaging (Tape and Reel vs Tube)?
    • ⤷ What are the recommended soldering temperature profiles for this SMD switch?