Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • W2TS-2AA-R

  • AI
    The **W2TS-2AA-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Battery Holder** designed for AA batteries. These parts are critical in PCB design for providing replaceable power sources to embedded systems. --- ## 1. Technical Specifications The primary function of this part is to secure two AA batteries in series or parallel (depending on PCB routing) while maintaining a low-profile connection to the circuit board. | Parameter | Specification | | :--- | :--- | | **Battery Size** | AA (LR6 / R6) | | **Cell Capacity** | 2 Cells | | **Mounting Type** | Surface Mount (SMT / SMD) | | **Termination Style** | Pressure Contacts / Solder Pads | | **Material (Housing)** | High-Temperature Thermoplastic (UL 94V-0) | | **Contact Material** | Stainless Steel or Phosphor Bronze | | **Plating** | Nickel or Gold Flash | --- ## 2. Key Electronic Features ### A. Surface Mount Technology (SMT) Unlike older "Through-Hole" holders, the W2TS-2AA-R is designed to be soldered directly onto the surface of the PCB. This allows for: * **Pick-and-Place Compatibility:** Can be installed by automated assembly robots. * **Space Efficiency:** No holes are required through the board, allowing components to be placed on the opposite side. ### B. High-Temperature Resistance Since it is an SMT component, the plastic body is engineered to withstand **Reflow Soldering** temperatures (often up to 260°C). Standard plastic holders would melt under these conditions. ### C. Polarity Protection The physical mold of the holder usually includes structural barriers that prevent the battery from making electrical contact if inserted backwards, protecting the sensitive downstream electronics. --- ## 3. Applications This part is commonly found in devices that require moderate power and user-replaceable batteries: 1. **Industrial Sensors:** Long-term monitoring devices. 2. **Medical Portables:** Handheld diagnostic tools. 3. **Smart Home Hardware:** Wireless door locks or thermostats. 4. **IoT Nodes:** Devices requiring 3V (Series) or high capacity 1.5V (Parallel). --- ## 4. PCB Design Considerations When integrating the W2TS-2AA-R into a schematic or layout, consider the following: ```markdown * Footprint: Ensure the solder pads are large enough to handle mechanical stress. * Mechanical Stress: AA batteries are heavy; consider if the solder joints alone can support the weight during a drop test. * Orientation: Clearly mark the (+) and (-) symbols on the PCB Silkscreen. ```
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions for the W2TS-2AA-R footprint?
    • ⤷ Does this holder support rechargeable NiMH batteries as well as Alkaline?
    • ⤷ What is the maximum current rating for the contacts on this battery holder?