Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • WCT-51A-R

  • AI
    The **WCT-51A-R** is a specific electronic component, typically categorized as a **Current Transformer (CT)** used for measuring or monitoring AC electrical current. It is commonly found in energy meters, industrial monitoring systems, and household appliances. --- ## 1. Key Technical Specifications Below is a summary of the typical technical characteristics associated with this model: | Parameter | Specification | | :--- | :--- | | **Component Type** | Current Transformer (PCB Mount) | | **Turns Ratio** | Generally 1000:1 or 2000:1 (varies by sub-version) | | **Accuracy Class** | 0.1 or 0.2 (High Precision) | | **Rated Input Current** | 5A to 50A (Typical range) | | **Max Input Current** | Up to 60A - 100A (Short duration) | | **Operating Frequency** | 50Hz / 60Hz | | **Dielectric Strength** | 2500V - 4000V AC / 1 min | | **Mounting Type** | Through-hole (PCB) | --- ## 2. Internal Construction The WCT-51A-R consists of several core electronic and mechanical parts: ### A. Magnetic Core The heart of the device is a **Nanocrystalline or Permalloy core**. These materials are chosen for their high magnetic permeability and low coercivity, ensuring the output remains linear even at low currents. ### B. Secondary Winding The "R" in the suffix often denotes a specific winding configuration or ROHS compliance. It consists of thousands of turns of fine **enameled copper wire** wrapped around the core. This winding converts the primary high current into a small, manageable secondary current. ### C. Encapsulation (Housing) The internal parts are housed in a **PBT (Polybutylene Terephthalate)** or Epoxy resin flame-retardant plastic casing. This provides: * Physical protection. * Electrical insulation between the primary wire and the output pins. * Moisture resistance. --- ## 3. How to Interface the WCT-51A-R To use this component in a circuit (such as with an Arduino or ADC), you must convert the output current into a voltage. ```cpp // Example: Converting CT Output to Voltage // Formula: V_out = I_secondary * R_burden float burdenResistor = 100.0; // 100 Ohms float turnsRatio = 1000.0; // 1000:1 Ratio float measuredVoltage = 0.5; // Voltage read by ADC float primaryCurrent = (measuredVoltage / burdenResistor) * turnsRatio; // Result: 5.0 Amps ``` --- ## 4. Typical Applications * **Smart Energy Meters:** Measuring household power consumption. * **Overcurrent Protection:** Sensing if a motor or machine is drawing too much current to trigger a shutdown. * **Load Balancing:** Ensuring electrical phases are balanced in industrial panels. * **Digital Ammeters:** Providing the input signal for panel meters. ---
    ✨ Follow-up Questions
    • ⤷ What is the ideal burden resistor value for the WCT-51A-R?
    • ⤷ How does the accuracy class 0.1 differ from class 0.5 in this model?
    • ⤷ Can this sensor be used to measure DC current?