Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • WJM-12E-R

  • AI
    The **WJM-12E-R** is a specific model of an electronic component, typically categorized as a **Magnetic Buzzer** or an **Electromagnetic Transducer**. These components are widely used in consumer electronics, automotive alerts, and industrial panels to provide audible feedback. --- ### 1. Technical Specifications Below are the typical electronic characteristics for the WJM-12E-R series: | Parameter | Value (Typical) | | :--- | :--- | | **Rated Voltage** | 12.0 VDC | | **Operating Voltage** | 8.0 ~ 15.0 VDC | | **Rated Current** | ≤ 30 mA | | **Sound Pressure Level (SPL)** | ≥ 85 dB (at 10cm) | | **Resonant Frequency** | 2,300 ± 300 Hz | | **Operating Temperature** | -20°C to +70°C | | **Mounting Type** | Through-hole (DIP/Pin) | --- ### 2. Core Electronic Components The internal structure of the WJM-12E-R consists of several key parts that enable sound production: 1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when current passes through it. 2. **Permanent Magnet:** Provides a static magnetic field that interacts with the coil's field. 3. **Vibrating Diaphragm:** A thin metal disk (usually iron or steel). When the magnetic field fluctuates, the diaphragm is pulled and released rapidly, creating sound waves. 4. **Internal Driver (Oscillator):** The "E" in the model often signifies an **Internal Drive** circuit. This means the device contains its own oscillating circuit; you only need to apply a steady DC voltage to produce sound. 5. **Housing:** A plastic (usually PBT or ABS) casing designed with a resonance chamber to amplify the sound output. --- ### 3. Key Features & Design * **Built-in Circuitry:** Unlike "transducers" which require an external PWM signal, the WJM-12E-R is a "buzzer" that generates its own tone. * **Polarity Sensitive:** Being a DC component, it has a positive (+) and negative (-) pin. Reversing the polarity will prevent it from functioning and may damage the internal transistor. * **Washable/Sealed:** Many "R" suffix models (like the WJM-12E-**R**) include a removable wash label over the sound hole, allowing the part to be wave-soldered and washed without water entering the acoustic chamber. --- ### 4. Connection Diagram (Conceptual) To use this part in a circuit, a simple transistor switch is often used to handle the current: ```cpp // Logic Control Example [VCC 12V] ---- [Buzzer (+)] [Buzzer (-)] ---- [Collector of NPN Transistor] [Microcontroller Pin] --- [Resistor] --- [Base of NPN] [Emitter] ---- [GND] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the WJM-12E-R and a passive transducer?
    • ⤷ Can this buzzer be used with a 5V microcontroller directly?
    • ⤷ What are the dimensions and pin spacing for this specific model?