WL40MW1F-R
AI

Based on technical specifications for industrial and RF components, the **WL40MW1F-R** is an **Active Microwave Motion Sensor Module**. These components are widely used in automatic lighting, security systems, and smart building automation.
---
## 1. Core Technical Specifications
The module operates based on the **Doppler Effect**, emitting a high-frequency electromagnetic wave and measuring the change in frequency reflected off moving objects.
| Parameter | Specification |
| :--- | :--- |
| **Operating Frequency** | 5.8 GHz (ISM Band) |
| **Supply Voltage** | 5V DC (Typical) |
| **Detection Range** | 2m – 8m (Adjustable via external circuitry) |
| **Output Type** | TTL / High-Low Level Signal |
| **Power Consumption** | Low power (~30mA to 50mA) |
| **Beam Angle** | 360° (Circular/Hemispherical) |
---
## 2. Key Electronic Sub-systems
The WL40MW1F-R consists of several critical stages:
### A. RF Oscillator & Antenna
* **The Patch Antenna:** Printed directly onto the PCB, this acts as both the transmitter and receiver.
* **Oscillator Circuit:** Generates the 5.8GHz carrier signal. Unlike PIR sensors which detect heat, this penetrates thin materials like glass, plastic, and drywall.
### B. Signal Processing (IC)
* **Mixer:** Combines the transmitted signal and the reflected signal to extract the "difference" (Doppler frequency).
* **Amplifier & Filter:** The resulting signal is extremely weak and contains noise. An operational amplifier (Op-Amp) chain boosts the signal and filters out 50/60Hz interference from mains power.
### C. Logic Control
* **Comparator:** Compares the amplified signal against a reference voltage (threshold). If the signal exceeds the threshold, it triggers the output pin.
* **Delay Circuitry:** Usually includes a timer that keeps the output "High" for a set duration after motion is no longer detected.
---
## 3. Pinout & Connectivity
The module typically features a 3-pin or 5-pin interface for easy integration with microcontrollers (like Arduino or ESP32):
1. **VCC:** Power input (+5V).
2. **GND:** Ground.
3. **OUT:** Control signal (High/Low).
4. *(Optional)* **CDS:** Connection for a photoresistor to disable the sensor during daylight.
5. *(Optional)* **ADJ:** Potentiometer connections for distance/time adjustment.
---
## 4. Advantages vs. PIR Sensors
| Feature | WL40MW1F-R (Microwave) | PIR (Infrared) |
| :--- | :--- | :--- |
| **Sensitivity** | Very High (detects minor movements) | Moderate (requires body heat) |
| **Environment** | Works in high heat/dust | Performance drops in high heat |
| **Obstacles** | Can "see" through thin walls/glass | Requires direct line-of-sight |
| **Lifespan** | Long (no physical degradation) | Moderate (Fresnel lens can degrade) |
- ⤷
How do I adjust the sensitivity of the WL40MW1F-R module?
- ⤷ Can this sensor be used behind a plastic enclosure?
- ⤷ What is the typical current draw during standby mode?