WLS28-2..1130XPWM
AI

The **WLS28-2..1130XPWM** is a high-performance industrial LED strip light manufactured by Banner Engineering. The "1130" indicates a length of approximately 1130mm, and the "PWM" suffix specifies that the unit is designed for dimming via Pulse Width Modulation.
---
### 1. Core Electronic Specifications
The internal electronics are designed for industrial environments, focusing on thermal management and voltage regulation.
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 12V DC to 30V DC |
| **Current Consumption** | Max ~3.12A at 12V / ~1.20A at 30V |
| **Control Signal** | PWM (Pulse Width Modulation) |
| **PWM Frequency** | Up to 1000 Hz |
| **Circuit Type** | Constant Current Driver |
| **Connection Type** | M12 Quick Disconnect or Integral Cable |
---
### 2. Key Internal Components
#### A. LED Array
The unit contains a linear PCB populated with high-intensity Surface Mount Device (SMD) LEDs. These are typically arranged in "banks" or parallel strings to ensure that a single LED failure does not darken the entire strip.
#### B. Constant Current Driver
Unlike cheap LED strips that use simple resistors, the WLS28-2 series uses **active constant current regulation**.
* **Function:** It maintains a steady current through the LEDs regardless of fluctuations in the supply voltage (within the 12-30V range).
* **Benefit:** This prevents flickering and protects the LEDs from overcurrent, significantly extending their lifespan (rated for 50,000+ hours).
#### C. PWM Dimming Circuitry
The "PWM" model includes a dedicated input wire (typically the white or gray wire depending on the pinout) that interfaces with the internal driver.
* **Logic:** The electronics interpret the duty cycle of the incoming PWM signal to adjust the average current sent to the LEDs.
* **Dimming Range:** Usually 0% to 100% brightness.
---
### 3. Wiring Configuration
For the PWM models, the wiring usually follows this logic for an M12 4-pin or 5-pin connector:
| Pin | Wire Color | Function |
| :--- | :--- | :--- |
| 1 | Brown | +12V DC to +30V DC |
| 3 | Blue | DC Common (Ground) |
| 4 | Black | Not Used / Signal depending on model |
| 2/5 | White/Gray | **PWM Input Signal** |
---
### 4. Protective Electronics
The PCB includes several layers of hardware protection:
* **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are swapped.
* **Transient Voltage Suppression (TVS):** Protects the internal circuitry from voltage spikes common in industrial motor environments.
* **Thermal Foldback:** High-end industrial strips often include a thermistor that reduces current if the internal temperature exceeds a safe threshold.
---
- ⤷
What is the maximum PWM frequency supported by the WLS28-2 driver?
- ⤷ Can this light be used with a standard 24V PLC digital output for dimming?
- ⤷ How does the power consumption change when operating at 12V vs 30V?