Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • WMS2-CA-R/

  • AI
    The **WMS2-CA-R** is an electronic component primarily classified as a **Gas Sensor Module**, specifically designed for the detection of Carbon Monoxide (CO). It is often utilized in smart home devices, HVAC systems, and industrial safety equipment. --- ### 1. Component Specifications Below are the primary technical characteristics of the WMS2-CA-R module: | Feature | Specification | | :--- | :--- | | **Detection Gas** | Carbon Monoxide (CO) | | **Sensor Type** | Electrochemical / Solid Electrolyte | | **Output Type** | Analog (Voltage) or Digital (PWM/UART) | | **Input Voltage** | 5V DC ± 0.2V | | **Detection Range** | 0 to 1000 ppm (typical) | | **Operating Temp** | -10°C to +50°C | | **Response Time** | < 30 seconds (T90) | --- ### 2. Key Electronic Features The module is more than just a raw sensor; it integrates several electronic stages to ensure accuracy: * **Integrated Signal Conditioning:** The board contains an onboard operational amplifier (Op-Amp) to convert the micro-ampere current generated by the gas reaction into a usable voltage signal. * **Temperature Compensation:** Since electrochemical sensors are sensitive to ambient temperature, this module includes thermistors or digital compensation logic to maintain baseline stability. * **Pre-Calibrated Module:** Unlike raw sensors, the "CA" series modules are typically factory-calibrated, meaning the output voltage corresponds to a specific concentration of CO without requiring complex user calibration. * **Low Power Consumption:** Designed for continuous monitoring, the electronic circuit is optimized for low current draw, making it suitable for battery-backed safety systems. --- ### 3. Pinout and Connection Example The module usually interfaces with microcontrollers (like Arduino, ESP32, or industrial PLCs) via a simple header: ```cpp // Example: Basic Arduino Code to read WMS2-CA-R Analog Output int sensorPin = A0; // Connected to the 'Out' pin of WMS2 int sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); float voltage = sensorValue * (5.0 / 1023.0); // Conversion logic depends on the specific datasheet curve Serial.print("Sensor Voltage: "); Serial.println(voltage); delay(1000); } ``` --- ### 4. Typical Applications * **Residential Safety:** Integrated into CO alarms to detect incomplete combustion from heaters. * **Automotive:** Monitoring air quality within vehicle cabins or parking garages. * **Industrial:** Leak detection in chemical plants or warehouses.
    ✨ Follow-up Questions
    • ⤷What is the typical lifespan of the electrochemical cell in the WMS2-CA-R?
    • ⤷ How does humidity affect the accuracy of this CO sensor?
    • ⤷ What is the specific voltage-to-ppm conversion formula for this module?