Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • WSBS-32B-R/E

  • AI
    The **WSBS-32B-R/E** is a precision electronic component, specifically a **high-current shunt resistor** (often referred to as a battery sensor shunt). It is manufactured by Vishay Dale and is part of their Power Metal Strip® series. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The WSBS-32B-R/E is designed for high-accuracy current sensing in automotive and industrial battery management systems (BMS). It features a robust, welded construction that allows it to handle very high continuous currents with minimal drift. ### 2. Technical Specifications The following table summarizes the primary electronic parameters: | Feature | Specification | | :--- | :--- | | **Component Type** | Shunt Resistor (Current Sense) | | **Resistance Range** | Typically 100 µΩ to 500 µΩ (micro-Ohms) | | **Power Rating** | Up to 36 W (design dependent) | | **Tolerance** | ± 5% (Standard) | | **Temperature Coefficient (TCR)** | Low TCR (typically < 20 ppm/°C for the element) | | **Construction** | Power Metal Strip® (Manganin alloy) | | **Mounting Style** | Bolt-on / Busbar mount | ### 3. Key Electronic Features * **Low Resistance Value:** Because it operates in the micro-Ohm range, it minimizes power loss ($P = I^2R$) while allowing the measurement of hundreds of Amperes. * **Thermal EMF:** It is designed to have very low Thermal EMF (< 3 µV/°C), which prevents voltage errors caused by temperature gradients across the junctions of dissimilar metals. * **AEC-Q200 Qualified:** This part is "Automotive Grade," meaning it has undergone rigorous stress testing for vibration, thermal shock, and moisture resistance. * **All-Welded Construction:** The resistance element is electron-beam welded to the copper terminals, ensuring high mechanical strength and consistent electrical paths. ### 4. Typical Applications The "WSBS" (Welded Shunt Battery Sensor) series is primarily used in: 1. **Battery Management Systems (BMS):** Monitoring the State of Charge (SoC) and State of Health (SoH) of lead-acid or lithium-ion batteries. 2. **Electric Vehicle (EV) Inverters:** Sensing phase currents or DC bus currents. 3. **Industrial Power Supplies:** High-current monitoring for large-scale power distribution. --- ### 5. Part Number Breakdown (Example) * **WSBS:** Series prefix (Welded Shunt Battery Sensor). * **32B:** Physical size/package code. * **R/E:** Revision or lead-free/environmental compliance indicators (RoHS compliant).
    ✨ Follow-up Questions
    • ⤷What is the maximum current capacity for the 100 micro-Ohm version?
    • ⤷ How does thermal EMF affect the accuracy of this shunt?
    • ⤷ What are the recommended mounting torque values for the WSBS-32B?