Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • Y-CONC-R82CU-RJ2L-2000-C

  • AI
    The **Y-CONC-R82CU-RJ2L-2000-C** is a high-precision, industrial-grade cable assembly typically used in automation, high-speed data transmission, and robotic applications. This specific part number follows the naming convention of the **Yamaichi Electronics** Y-Con series. --- ### 1. Technical Specifications Breakdown The part number can be dissected to understand the specific electronic and mechanical attributes of the component: | Feature | Description | | :--- | :--- | | **Series (Y-CON)** | Part of the Y-Con industrial RJ45 system. | | **Connector Type** | RJ45 Industrial connector with enhanced shielding. | | **Cable Length** | **2000** mm (2 Meters). | | **Wire Gauge** | Typically 26 AWG or 24 AWG (standard for high-speed data). | | **Configuration** | Likely a Double-Ended (RJ45 to RJ45) assembly. | | **Protection Class** | Designed for IP20 or IP67 depending on the housing used. | --- ### 2. Key Electronic Components & Features #### A. The Shielded RJ45 Plug The "R82CU" portion refers to the specific plug head. These are not standard plastic office clips; they feature: * **Copper Alloy Shielding:** To prevent Electromagnetic Interference (EMI) in noisy factory environments. * **Gold-Plated Contacts:** Ensures low contact resistance and prevents oxidation over long-term use. #### B. The Cable (2000mm) The cable itself is engineered for industrial stressors: * **Twisted Pair Geometry:** Designed to handle Cat5e or Cat6 data rates. * **PUR/PVC Jacket:** The outer layer is usually resistant to oils, chemicals, and mechanical abrasion. * **Bending Radius:** Optimized for "drag chain" applications where the cable is constantly moving. #### C. Integrated Power (Y-Con Technology) A unique feature of the Y-Con series is the ability to integrate **Power over Ethernet (PoE)** or additional power contacts within the same RJ45 footprint without interfering with data integrity. --- ### 3. Typical Applications 1. **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMIs or Sensors. 2. **Robotics:** Used in robotic arms where high flexibility and EMI shielding are mandatory. 3. **Vision Systems:** High-speed data transfer for industrial cameras. 4. **Factory Automation:** Reliable networking in environments with high vibration and electrical noise. --- ### 4. Comparison Table: Industrial vs. Standard RJ45 | Feature | Standard RJ45 (Commercial) | Y-CON-R82CU (Industrial) | | :--- | :--- | :--- | | **Durability** | Low (Plastic tabs break easily) | High (Metal reinforcement/Rugged) | | **EMI Protection** | Minimal | High (Full Copper Shielding) | | **Vibration Resistance** | Poor | Excellent (Locking mechanisms) | | **Data Integrity** | Standard | High-Speed / Low Latency | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact data transmission category (Cat5e vs Cat6) for this specific cable assembly?
    • ⤷ Is this cable rated for high-flex 'drag chain' movement or static installation?
    • ⤷ What is the IP (Ingress Protection) rating for the Y-CON-R82CU series?