Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • Y-CONC-R82CU-RJ2M-2000-A

  • AI
    Based on the part number **Y-CONC-R82CU-RJ2M-2000-A**, this component is a specialized **industrial Ethernet cable assembly** typically manufactured by **Yamaichi Electronics**. Below is a detailed breakdown of its electronic and mechanical specifications. --- ## 1. Part Number Decoding | Segment | Description | Meaning | | :--- | :--- | :--- | | **Y-CON** | Series Name | Yamaichi’s Industrial Ethernet series | | **C** | Category | Cable Assembly | | **R82** | Connector Type | Industrial RJ45 (usually IP20 or IP67 rated) | | **CU** | Material | Copper Conductors | | **RJ2M** | Interface | RJ45 2-port or specialized Male interface | | **2000** | Length | 2000mm (2.0 Meters) | | **A** | Version/Revision | Standard internal revision code | --- ## 2. Key Electronic Specifications ### A. Signal Integrity * **Category Performance:** Typically supports **Cat5e** or **Cat6** standards, ensuring data rates up to 1 Gbps. * **Shielding:** Features SF/UTP or S/FTP shielding to protect signals from Electromagnetic Interference (EMI) in factory environments. ### B. Electrical Characteristics * **Voltage Rating:** Rated for approximately 30V to 50V AC/DC. * **Current Rating:** Typically 1.0A to 2.1A per contact (depending on wire gauge). * **Contact Resistance:** $\leq$ 20 mΩ. * **Insulation Resistance:** $\geq$ 500 MΩ. --- ## 3. Physical & Mechanical Properties ### Interface Design The "Y-CON" series is known for its **integrated power contacts**. Unlike standard consumer RJ45s, this part often includes two additional pins for power supply (PoE or auxiliary power) integrated within the same connector housing. ### Environmental Specs * **Operating Temperature:** Generally $-20^\circ\text{C}$ to $+80^\circ\text{C}$. * **Durability:** Minimum 500–1000 mating cycles. * **Jacket Material:** Usually PUR (Polyurethane) or PVC, providing resistance to oils, chemicals, and abrasion common in robotic or automation applications. --- ## 4. Typical Applications 1. **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to HMIs. 2. **Robotics:** Used in drag chains due to the cable's flexibility and robust shielding. 3. **Vision Systems:** High-speed data transfer for industrial cameras. 4. **PoE+ Applications:** Utilizing the extra power pins for high-draw peripherals. ---
    ✨ Follow-up Questions
    • ⤷ Does this cable assembly support IP67 waterproof standards?
    • ⤷ What are the specific pinout configurations for the Y-CON power contacts?
    • ⤷ Are there alternative lengths available for the R82CU series?