Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • Y-CONC-R82CU-RJ2U-2000-A

  • AI
    The part number **Y-CONC-R82CU-RJ2U-2000-A** typically refers to a high-performance industrial cable assembly, often associated with industrial automation and camera link systems (specifically related to **Yamaichi Electronics** or compatible industrial cabling). Below is a breakdown of the electronic and structural characteristics of this component. --- ### 1. Component Overview This is a shielded cable assembly designed for reliable data transmission in harsh environments. It is frequently used for **Camera Link** or high-speed LVDS (Low-Voltage Differential Signaling) applications. | Feature | Specification Details | | :--- | :--- | | **Connector Type A** | RJ45 or MDR (Mini Delta Ribbon) / SDR (Shrunk Delta Ribbon) | | **Connector Type B** | RJ45 or Specialized Industrial Round Connector | | **Cable Length** | 2000mm (2 Meters) | | **Shielding** | Full Copper Braid + Foil (S/FTP or similar) | | **Jacket Material** | PVC or PUR (Polyurethane) for oil resistance | | **Color** | Black / Industrial Grey | --- ### 2. Part Number Breakdown (Nomenclature) While specific to the manufacturer's internal coding, here is the standard interpretation of the segments: * **Y-CONC**: Product Series (Yamaichi Connector/Cable series). * **R82CU**: Internal designator for the cable gauge and conductor type (often 28 AWG or 26 AWG Copper). * **RJ2U**: Indicates the interface type (likely a variation of a reinforced RJ45 or a 10-pin industrial circular connector). * **2000**: Represents the length in millimeters (**2 Meters**). * **A**: Revision code or specific wiring pinout standard. --- ### 3. Key Electronic Characteristics #### High Signal Integrity Designed to handle high-frequency signals with minimal crosstalk. The "CU" in the part number signifies high-purity copper conductors, ensuring low resistance and minimal signal attenuation over the 2-meter span. #### Electromagnetic Interference (EMI) Protection Industrial environments are noisy due to motors and drives. This cable features: * **Double Shielding:** To prevent EMI from corrupting data packets. * **360-degree Grounding:** Typically implemented at the connector shell to ensure a continuous ground path. #### Durability & Environment * **Vibration Resistance:** The connectors often feature locking mechanisms (latches or thumbscrews) to prevent accidental disconnection. * **Flex Life:** Often rated for a specific number of "flex cycles," making it suitable for robotic arms or moving machinery parts. --- ### 4. Typical Applications 1. **Machine Vision:** Connecting industrial cameras to frame grabbers or PCs. 2. **Factory Automation:** High-speed data links between PLCs and HMI panels. 3. **Medical Imaging:** Stable data transmission for diagnostic equipment.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the RJ2U connector?
    • ⤷ Does this cable support Power over Ethernet (PoE) standards?
    • ⤷ What is the maximum data transfer rate supported by the R82CU cable series?