| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SSD2828 Datasheet
# Example questions:
➢ Which panel technologies are compatible with all of the listed mipi bridge chips (ssd2848, ssd2825, and ssd2828)?
➢ How many data lanes does the ssd2848 support for both mipi-dsi rx and tx?
➢ What is the maximum display resolution supported by the ssd2825g44 chip?
# MIPI Display Interface Controller Solutions
## Product Overview
Solomon Systech offers MIPI Bridge Chips: SSD2848, SSD2825, and SSD2828, designed for high-resolution, high-speed, and low-power display in smart devices.
## SSD2848
️· Type: Graphic Controller with integrated frame buffer.
️· Resolution: Supports up to 1200 x 1920.
️· Features:
- 27.6Mbit frame buffer.
- Panel Self Refresh (PSR).
- Image Rotation and Scaler.
- MIPI-DSI Rx: 1.5Gbps/lane (4 lanes).
- MIPI-DSI Tx: 1.0Gbps/lane (4 lanes).
- Dual display support (2xDSI clocks).
- Anti-tearing Image Rotation (up to WXGA).
- Non-linear scaling (up to WUXGA).
- Color Management (Contrast, Edge, Brightness, SRE, Saturation Enhancement).
- Content Adaptive Backlight control (CABC).
️· Standards Supported: DSI (v1.01.00), DCS (v1.02.00), D-PHY (v1.1).
️· Application: Smartphones, Tablets
## SSD2825/SSD2828
️· Function: Converts 24bit RGB interface to 4-lane MIPI-DSI.
️· Resolution: Supports up to 1200 x 1920.
️· SSD2828: World’s lowest power consumption MIPI 4-lane transmitter.
️· Features:
- Supports parallel VISSI interface (DPI 2.0) up to 24 bits.
- Supports serial SPI interface (DBI 2.0) up to 16 bits.
- CABC function.
️· Standards Supported: DSI (v1.01.00), DCS (v1.02.00), D-PHY (v1.0).
️· SSD2825: Total throughput up to 2.4Gbps.
️· SSD2828:
- Total throughput up to 4Gbps.
- Supports up to 2560 pixels per row (30hz refresh rate).
## Selection Guide
| Part Number | Max Resolution | Rx Input Signal | Tx Output Signal | Application | Package |
|---|---|---|---|---|---|
| SSD2825G44 | 1280 x 800 | 24 bits RGB | DSI video mode, 600Mbps/lane | Smartphone | BGA 4x4 64L |
| SSD2828G44 | 1920 x 1200 | 24 bits RGB | DSI video mode, 1.0Gbps/lane | Smartphone | BGA 4x4 64L |
| SSD2828QN4 | 1920 x 1200 | 24 bits RGB | DSI video mode, 1.0Gbps/lane | Tablet and Industrial | QFN 8x8 68L |
| SSD2848K1 | 1920 x 1200 | DSI command/video mode 4 lane, 1.5Gbps/lane | Smartphone/Tablet | WLCSP 84L |
# MIPI Display Interface Controller Solutions
## Product Overview
Solomon Systech offers MIPI Bridge Chips: SSD2848, SSD2825, and SSD2828, designed for high-resolution, high-speed, and low-power display in smart devices.
## SSD2848
️· Type: Graphic Controller with integrated frame buffer.
️· Resolution: Supports up to 1200 x 1920.
️· Features:
- 27.6Mbit frame buffer.
- Panel Self Refresh (PSR).
- Image Rotation and Scaler.
- MIPI-DSI Rx: 1.5Gbps/lane (4 lanes).
- MIPI-DSI Tx: 1.0Gbps/lane (4 lanes).
- Dual display support (2xDSI clocks).
- Anti-tearing Image Rotation (up to WXGA).
- Non-linear scaling (up to WUXGA).
- Color Management (Contrast, Edge, Brightness, SRE, Saturation Enhancement).
- Content Adaptive Backlight control (CABC).
️· Standards Supported: DSI (v1.01.00), DCS (v1.02.00), D-PHY (v1.1).
️· Application: Smartphones, Tablets
## SSD2825/SSD2828
️· Function: Converts 24bit RGB interface to 4-lane MIPI-DSI.
️· Resolution: Supports up to 1200 x 1920.
️· SSD2828: World’s lowest power consumption MIPI 4-lane transmitter.
️· Features:
- Supports parallel VISSI interface (DPI 2.0) up to 24 bits.
- Supports serial SPI interface (DBI 2.0) up to 16 bits.
- CABC function.
️· Standards Supported: DSI (v1.01.00), DCS (v1.02.00), D-PHY (v1.0).
️· SSD2825: Total throughput up to 2.4Gbps.
️· SSD2828:
- Total throughput up to 4Gbps.
- Supports up to 2560 pixels per row (30hz refresh rate).
## Selection Guide
| Part Number | Max Resolution | Rx Input Signal | Tx Output Signal | Application | Package |
|---|---|---|---|---|---|
| SSD2825G44 | 1280 x 800 | 24 bits RGB | DSI video mode, 600Mbps/lane | Smartphone | BGA 4x4 64L |
| SSD2828G44 | 1920 x 1200 | 24 bits RGB | DSI video mode, 1.0Gbps/lane | Smartphone | BGA 4x4 64L |
| SSD2828QN4 | 1920 x 1200 | 24 bits RGB | DSI video mode, 1.0Gbps/lane | Tablet and Industrial | QFN 8x8 68L |
| SSD2848K1 | 1920 x 1200 | DSI command/video mode 4 lane, 1.5Gbps/lane | Smartphone/Tablet | WLCSP 84L |
| Part No. | SSD2828 |
| Manufacturer | ETC1 |
| Size | 1Mb |
| Pages | 2 pages |
| Description | Support 24bit video mode up to 1200 x 1920 (Landscape and Portrait) |