Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSD2828 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SSD2828
Szczegółowy opis  Support 24bit video mode up to 1200 x 1920 (Landscape and Portrait)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

SSD2828 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SSD2828 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD2828 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pioneering in MIPI solutions for display, Solomon Systech is proud to present a series of
proprietary MIPI Bridge Chips that support high-resolution, high-speed and low-power display of
smart devices – SSD2848, SSD2825 and SSD2828.
The SSD2848 is a Graphic Controller that has integrated frame buffer to support up to 1200 x
1920 for smartphone and tablet applications. The 27.6Mbit frame buffer supports Panel Self Refresh (PSR), Image
Rotation and Scaler features of the devices. The SSD2848 supports MIPI-DSI Rx at 1.5Gbps/lane for 4 lanes and
MIPI-DSI Tx at 1.0Gbps/lane.
The SSD2825 and SSD2828 convert 24bit RGB interface into 4-lane MIPI-DSI to drive extremely high resolution
display modules of up to 1200x1920 for smartphone and tablet applications. The SSD2828, which can transmit
up to 1.0Gbps/lane, is the world’s lowest power consumption MIPI 4-lane transmitter.
All these solutions support AMOLED, a-Si LCD, metal oxide TFT and LTPS LCD panel
technologies for smart device applications.
Applications: Smartphones (Full HD), Tablets (WUXGA), GPS, MID, etc.
MIPI Display
Interface Controller
solutions in silicon
MOBILE SYSTEM
World’s Lowest Power
Consumption MIPI
4-lane Transmitter
SSD2848
Support 24bit video mode up to 1200 x 1920 (Landscape and Portrait)
27.6Mbit memory to support Panel Self Refresh (PSR)
Support input of DSI command and video mode, 1.5Gbps/lane for 4 lanes
Support output of DSI command and video mode, 1.0Gbps/lane for 4 lanes
Support output of 2xDSI clocks for dual display applications
Support anti-tearing Image Roataion up to WXGA
Support non-linear scaling up to WUXGA
Support Color Management including Contrast, Edge, Brightness, SRE and Saturation Enhancement
Support Content Adaptive Backlight control (CABC)
Support MIPI standard: DSI (v1.01.00), DCS (v1.02.00), D-PHY (v1.1)
SSD2825/SSD2828
Support up to total of 2.4Gbps (SSD2825 only), 4Gbps (SSD2828 only) over the serial links
Support up to 4 data lanes
Support up to 1366 pixels per display row in video mode (SSD2825 only)
Support up to 1920 pixels per display row in video mode, up to 60hz refresh rate (SSD2828 only)
Support up to 2560 pixels per display row in video mode, up to 30hz refresh rate (SSD2828 only)
Support parallel VISSI interface (DPI 2.0) of up to 24 bits
Support serial SPI interface (DBI 2.0) of up to 16 bits
Support CABC function for video mode
Support MIPI standard: DSI (v1.01.00), DCS (v1.02.00), D-PHY (v1.0)
Features


Podobny numer części - SSD2828

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
SSD2 COOPER-SSD2 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
SSD2 COOPER-SSD2 Datasheet
77Kb / 3P
Standard fuse links size E1
SSD20 COOPER-SSD20 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
SSD20 COOPER-SSD20 Datasheet
77Kb / 3P
Standard fuse links size E1
logo
Fairchild Semiconductor
SSD2007 FAIRCHILD-SSD2007 Datasheet
181Kb / 5P
Dual N-CHANNEL POWER MOSFET
More results

Podobny opis - SSD2828

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
B140-101X-U TRIPPLITE-B140-101X-U Datasheet
506Kb / 2P
DVI over Cat5/6 Active Extender Kit, Transmitter/Receiver for Video, 1920 x 1200 60 Hz, 1080p, Up to 125-ft.
logo
Future Technology Devic...
CLEO35A FTDI-CLEO35A Datasheet
2Mb / 27P
Landscape and portrait modes supported
logo
Tripp Lite. All Rights ...
B032-VU1 TRIPPLITE-B032-VU1 Datasheet
168Kb / 3P
KVM Console to USB 2.0 Portable Laptop Crash Cart Adapter with File Transfer and Video Capture, 1920 x 1200 @ 60 Hz
DWM3770PLX TRIPPLITE-DWM3770PLX Datasheet
169Kb / 3P
Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount for 37 to 70 TVs and Monitors
B122-000-60 TRIPPLITE-B122-000-60 Datasheet
165Kb / 3P
HDMI Signal Booster ??F/F, 1920 x 1200 (1080p) @ 60 Hz, Up to 125 ft., TAA
P134-06N-DVIACT TRIPPLITE-P134-06N-DVIACT Datasheet
165Kb / 2P
DisplayPort to DVI Active Converter, 1920 x 1200 (1080p) (M/F), 6 in.
P136-000-1-BP TRIPPLITE-P136-000-1-BP Datasheet
163Kb / 3P
DisplayPort to HDMI Video Adapter Converter - 1920 x 1200 (1080p), M/F, 50 Pack
P139-000-DP TRIPPLITE-P139-000-DP Datasheet
169Kb / 3P
Keyspan Mini DisplayPort to DisplayPort Compact Adapter and Video Converter (M/F), 1920 x 1200 (1080p) @ 60 Hz
P136-000 TRIPPLITE-P136-000 Datasheet
159Kb / 2P
DisplayPort to HDMI Converter Adapter, 1080p (1920 x 1200) (M/F), 6 in.
P136-000-BP TRIPPLITE-P136-000-BP Datasheet
162Kb / 3P
DisplayPort to HDMI Video Adapter Converter - 1920 x 1200 (1080p), M/F, 6 in., 50 Pack
More results


Html Pages

1 2