Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMD-2060H Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MMD-2060H Datasheet

  • # Example questions: ➢ What is the maximum allowable storage temperature for the mmd-2060h?
    ➢ What wire diameter is recommended for wire bonding to the mmd-2060h, and what is the maximum recommended wire bond length?
    ➢ What is the recommended input power range for optimal performance of the mmd-2060h doubler?

  • Part No.MMD-2060H
    ManufacturerMARKIMICROWAVE
    Size432 Kbytes
    Pages10 pages
    DescriptionGaAs MMIC Millimeter Wave Doubler
    Datasheet Summary with AI

    1. General Information

    ️· Device Type: Diode Doubler (MMIC - Monolithic Microwave Integrated Circuit)
    ️· Manufacturer: Marki Microwave
    ️· Operating Frequency Range (Input): 10 - 30 GHz
    ️· Output Frequency Range (2F): 20 - 60 GHz
    ️· Package Options: CH (die) and U (connectorized)
    ️· Datasheet Guarantee: Performance is guaranteed for connectorized (U) packages at T<sub>A</sub> = +25°C. Die testing is sample-based.

    2. Electrical Specifications (at T<sub>A</sub> = +25°C, 50Ω system)

    Parameter Condition Min Typical Max Unit
    Input Frequency Range 10 30 GHz
    Output Frequency Range (2F) 20 60 GHz
    Input Power 10 15 dBm
    2F Conversion Loss (CL) Input 10-30GHz, Output 20-60GHz 10.5 13 dB
    Suppression (1F) Input 10-30GHz, Output 10-30GHz 38 dBc
    Suppression (3F) Input 10-20GHz, Output 30-60GHz 39.5
    Suppression (4F) Input 10-15GHz, Output 40-60GHz 12.5
    Isolation (1F) Input 10-30GHz, Output 10-30GHz 49.7 dB
    Isolation (3F) Input 10-20GHz, Output 30-60GHz 50
    Isolation (4F) Input 10-15GHz, Output 40-60GHz 22.5

    ️· Harmonic Definitions:
    - Suppression is defined as the harmonic power relative to the 2F doubled output power.
    - Isolation is defined as the harmonic power relative to the 1F fundamental input power.

    3. Mounting & Handling Recommendations

    ️· Mounting:
    - Attach to a ground plane with conductive epoxy.
    - Minimize epoxy fillet thickness.
    ️· Wire Bonding:
    - Use 0.025mm (1 mil) pure gold wire.
    - Thermosonic bonding: 150°C, ball bonding force 40-50g, wedge bonding 18-22g.
    - Keep wire bonds as short as possible (<0.31 mm).
    - Use multiple wire bonds for high-frequency connections to reduce parasitic inductance.
    ️· Circuit Considerations: Use 50Ω transmission lines.
    ️· Handling: Handle with tweezers or vacuum collet. Avoid direct human contact.
    ️· ESD Sensitivity: Sensitive to ESD (HBM, per MIL-STD-750, Method 1020). Handle in an ESD-protected environment.
    ️· Storage: Store in a dry nitrogen atmosphere.
    ️· Cleaning: Do not clean with liquid solvents.

    4. Mechanical Data

    ️· CH Package (Die): Dimensions and bonding pad layout are described in the outline drawing.
    ️· U Package (Connectorized): Weight: 10g. Dimensions are outlined in the drawing.

    1. General Information

    ️· Device Type: Diode Doubler (MMIC - Monolithic Microwave Integrated Circuit)
    ️· Manufacturer: Marki Microwave
    ️· Operating Frequency Range (Input): 10 - 30 GHz
    ️· Output Frequency Range (2F): 20 - 60 GHz
    ️· Package Options: CH (die) and U (connectorized)
    ️· Datasheet Guarantee: Performance is guaranteed for connectorized (U) packages at T<sub>A</sub> = +25°C. Die testing is sample-based.

    2. Electrical Specifications (at T<sub>A</sub> = +25°C, 50Ω system)

    Parameter Condition Min Typical Max Unit
    Input Frequency Range 10 30 GHz
    Output Frequency Range (2F) 20 60 GHz
    Input Power 10 15 dBm
    2F Conversion Loss (CL) Input 10-30GHz, Output 20-60GHz 10.5 13 dB
    Suppression (1F) Input 10-30GHz, Output 10-30GHz 38 dBc
    Suppression (3F) Input 10-20GHz, Output 30-60GHz 39.5
    Suppression (4F) Input 10-15GHz, Output 40-60GHz 12.5
    Isolation (1F) Input 10-30GHz, Output 10-30GHz 49.7 dB
    Isolation (3F) Input 10-20GHz, Output 30-60GHz 50
    Isolation (4F) Input 10-15GHz, Output 40-60GHz 22.5

    ️· Harmonic Definitions:
    - Suppression is defined as the harmonic power relative to the 2F doubled output power.
    - Isolation is defined as the harmonic power relative to the 1F fundamental input power.

    3. Mounting & Handling Recommendations

    ️· Mounting:
    - Attach to a ground plane with conductive epoxy.
    - Minimize epoxy fillet thickness.
    ️· Wire Bonding:
    - Use 0.025mm (1 mil) pure gold wire.
    - Thermosonic bonding: 150°C, ball bonding force 40-50g, wedge bonding 18-22g.
    - Keep wire bonds as short as possible (<0.31 mm).
    - Use multiple wire bonds for high-frequency connections to reduce parasitic inductance.
    ️· Circuit Considerations: Use 50Ω transmission lines.
    ️· Handling: Handle with tweezers or vacuum collet. Avoid direct human contact.
    ️· ESD Sensitivity: Sensitive to ESD (HBM, per MIL-STD-750, Method 1020). Handle in an ESD-protected environment.
    ️· Storage: Store in a dry nitrogen atmosphere.
    ️· Cleaning: Do not clean with liquid solvents.

    4. Mechanical Data

    ️· CH Package (Die): Dimensions and bonding pad layout are described in the outline drawing.
    ️· U Package (Connectorized): Weight: 10g. Dimensions are outlined in the drawing.

    Part No.MMD-2060H
    ManufacturerMARKIMICROWAVE
    Size432 Kbytes
    Pages10 pages
    DescriptionGaAs MMIC Millimeter Wave Doubler