| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 800DM Datasheet
# Example questions:
➢ What types of applications are vishay products *not* designed for, and what is the risk associated with using them in those applications?
➢ What is the case style used for the package outline dimensions of these diodes?
➢ What parameters, mentioned in the disclaimer, may vary in different applications and over time, and who is responsible for validating them?
# Glass Passivated Ultrafast Bridge Rectifier (B40C800DM, B80C800DM, B125C800DM, B250C800DM, B380C800DM)
## Features
· Ideal for automated placement
· High surge current capability
· Solder dip: 275°C max for 10s (JESD 22-B106)
· RoHS-compliant options available (E3 suffix)
· UL 94 V-0 flammability rating
## Applications
· General purpose AC/DC bridge rectification
· Suitable for SMPS, lighting ballasts, adapters, battery chargers, home/office equipment, telecommunications.
## Electrical Characteristics
· IF(AV): 0.9A
· VRRM: 65V, 125V, 200V, 400V, 600V (various models)
· IFSM: 45A
· IR: 10 μA
· VF: 1.0V @ IF = 0.9A
· TJ max: 125°C
## Mechanical Data
· Case: DFM
· Terminals: Matte tin plated, solderable (J-STD-002, JESD 22-B102)
· Polarity: Marked on body
## Thermal Characteristics
· RθJA: 40 °C/W
· RθJL: 15 °C/W
## Maximum Ratings
· VDC: 65V - 600V (depending on model)
· VRWM: 90V - 900V (depending on model)
· VRSM: 100V - 1000V (depending on model)
· I2t: 10 A2s
· CL: 5000μF - 200μF (depending on model)
## Ordering Information
· Example: B380C800DM-E3/45 (RoHS compliant)
## Package Outline
· Case Style: DFM
· Dimensions available in datasheet.
# Glass Passivated Ultrafast Bridge Rectifier (B40C800DM, B80C800DM, B125C800DM, B250C800DM, B380C800DM)
## Features
· Ideal for automated placement
· High surge current capability
· Solder dip: 275°C max for 10s (JESD 22-B106)
· RoHS-compliant options available (E3 suffix)
· UL 94 V-0 flammability rating
## Applications
· General purpose AC/DC bridge rectification
· Suitable for SMPS, lighting ballasts, adapters, battery chargers, home/office equipment, telecommunications.
## Electrical Characteristics
· IF(AV): 0.9A
· VRRM: 65V, 125V, 200V, 400V, 600V (various models)
· IFSM: 45A
· IR: 10 μA
· VF: 1.0V @ IF = 0.9A
· TJ max: 125°C
## Mechanical Data
· Case: DFM
· Terminals: Matte tin plated, solderable (J-STD-002, JESD 22-B102)
· Polarity: Marked on body
## Thermal Characteristics
· RθJA: 40 °C/W
· RθJL: 15 °C/W
## Maximum Ratings
· VDC: 65V - 600V (depending on model)
· VRWM: 90V - 900V (depending on model)
· VRSM: 100V - 1000V (depending on model)
· I2t: 10 A2s
· CL: 5000μF - 200μF (depending on model)
## Ordering Information
· Example: B380C800DM-E3/45 (RoHS compliant)
## Package Outline
· Case Style: DFM
· Dimensions available in datasheet.
| Part No. | 800DM |
| Manufacturer | VISHAY |
| Size | 89 Kbytes |
| Pages | 5 pages |
| Description | Glass Passivated Ultrafast Bridge Rectifier |