Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS8550 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SS8550 Datasheet

  • # Example questions: ➢ What is the significance of the 'v' suffix in the part number, such as ss8550v?
    ➢ How does the maximum collector current affect the application limits of this device?
    ➢ What are the different hfe ranges available for this triode, and how are they indicated by the marking?

  • Part No.SS8550
    ManufacturerRECTRON
    Size214 Kbytes
    Pages3 pages
    DescriptionSmall and medium-sized power amplifier, medium power drive and switching applications
    Datasheet Summary with AI

    # SS8550 Silicon PNP SMD Triode

    ## Overview
    ️· Type: Silicon PNP SMD Triode
    ️· Package: SOT-23
    ️· Applications: Small and medium-sized power amplification, medium power drive, and switching applications

    ## Pin Configuration
    ️· 1: Base
    ️· 2: Emitter
    ️· 3: Collector

    ## Maximum Ratings
    ️· Collector-Base Breakdown Voltage (VCBO): -40V
    ️· Collector-Emitter Breakdown Voltage (VCEO): -25V
    ️· Emitter-Base Breakdown Voltage (VEBO): -5V
    ️· Collector Current (IC): -1.5A
    ️· Collector Power Dissipation (PC): 300mW
    ️· Junction Temperature (TJ): 150°C
    ️· Storage Temperature (Tstg): Not specified


    ## Electrical Characteristics (Ta=25°C)
    ️· DC Current Gain (HFE(1)) (VCE=-1V, IC=-100mA): 120-400 (Rank L, H, J)
    ️· DC Current Gain (HFE(2)) (VCE=-1V, IC=-800mA): ≥40
    ️· Collector-Emitter Saturation Voltage (VCE(sat)) (IC=-800mA, IB=-80mA): -0.5V
    ️· Collector-Base Saturation Voltage (VBE(sat)) (IC=-800mA, IB=-80mA): -1.2V
    ️· Transition Frequency (fT) (VCE=-10V, IC=50mA): 100MHz

    ## Packaging
    ️· Reel Pack: 3,000 per reel
    ️· Reel Diameter: 178mm
    ️· Carton Size: 440x440x240mm
    ️· EA per Carton: 180,000
    ️· Gross Weight: 8.0 kg

    ## Additional Information
    ️· P/N suffix “V” indicates AEC-Q101 qualified and Halogen-free.
    ️· Marking: Y2
    ️· Disclaimer: Rectron Inc. reserves the right to make changes without notice.

    # SS8550 Silicon PNP SMD Triode

    ## Overview
    ️· Type: Silicon PNP SMD Triode
    ️· Package: SOT-23
    ️· Applications: Small and medium-sized power amplification, medium power drive, and switching applications

    ## Pin Configuration
    ️· 1: Base
    ️· 2: Emitter
    ️· 3: Collector

    ## Maximum Ratings
    ️· Collector-Base Breakdown Voltage (VCBO): -40V
    ️· Collector-Emitter Breakdown Voltage (VCEO): -25V
    ️· Emitter-Base Breakdown Voltage (VEBO): -5V
    ️· Collector Current (IC): -1.5A
    ️· Collector Power Dissipation (PC): 300mW
    ️· Junction Temperature (TJ): 150°C
    ️· Storage Temperature (Tstg): Not specified

    ## Electrical Characteristics (Ta=25°C)
    ️· DC Current Gain (HFE(1)) (VCE=-1V, IC=-100mA): 120-400 (Rank L, H, J)
    ️· DC Current Gain (HFE(2)) (VCE=-1V, IC=-800mA): ≥40
    ️· Collector-Emitter Saturation Voltage (VCE(sat)) (IC=-800mA, IB=-80mA): -0.5V
    ️· Collector-Base Saturation Voltage (VBE(sat)) (IC=-800mA, IB=-80mA): -1.2V
    ️· Transition Frequency (fT) (VCE=-10V, IC=50mA): 100MHz

    ## Packaging
    ️· Reel Pack: 3,000 per reel
    ️· Reel Diameter: 178mm
    ️· Carton Size: 440x440x240mm
    ️· EA per Carton: 180,000
    ️· Gross Weight: 8.0 kg

    ## Additional Information
    ️· P/N suffix “V” indicates AEC-Q101 qualified and Halogen-free.
    ️· Marking: Y2
    ️· Disclaimer: Rectron Inc. reserves the right to make changes without notice.

    Part No.SS8550
    ManufacturerRECTRON
    Size214 Kbytes
    Pages3 pages
    DescriptionSmall and medium-sized power amplifier, medium power drive and switching applications