| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about A16-2 Datasheet
# Example questions:
➢ What is the typical small signal gain of this amplifier at 25ºc?
➢ How does the maximum dc current change across the temperature ranges of 25ºc, 0º to 50ºc, and -54º to +85ºc?
➢ Which package option provides the lowest weight for this amplifier?
# A16-2 / SMA16-2 RF Amplifier
## Features
· Performance: 10 to 1200 MHz frequency range.
· Noise: Low noise (3.5 dB typical).
· Efficiency: High efficiency (15 mA typical @ +5 Volts).
· Dynamic Range: 102.5 dB (typical) in 1 MHz bandwidth.
· VSWR: Low VSWR (<1.5:1 typical).
## Description
· Discrete thin-film hybrid design for accurate performance and high reliability.
· Single-stage bipolar transistor feedback amplifier with broadband frequency response.
· Active DC biasing network for temperature stability.
· Available in TO-8, Surface Mount, and SMA Connectorized packages.
· MIL-STD-883 environmental screening available.
## Ordering Information
| Part Number | Package |
|---|---|
| A16-2 | TO-8 |
| SMA16-2 | Surface Mount |
| CA16-2 | SMA Connectorized |
# A16-2 / SMA16-2 RF Amplifier
## Features
· Performance: 10 to 1200 MHz frequency range.
· Noise: Low noise (3.5 dB typical).
· Efficiency: High efficiency (15 mA typical @ +5 Volts).
· Dynamic Range: 102.5 dB (typical) in 1 MHz bandwidth.
· VSWR: Low VSWR (<1.5:1 typical).
## Description
· Discrete thin-film hybrid design for accurate performance and high reliability.
· Single-stage bipolar transistor feedback amplifier with broadband frequency response.
· Active DC biasing network for temperature stability.
· Available in TO-8, Surface Mount, and SMA Connectorized packages.
· MIL-STD-883 environmental screening available.
## Ordering Information
| Part Number | Package |
|---|---|
| A16-2 | TO-8 |
| SMA16-2 | Surface Mount |
| CA16-2 | SMA Connectorized |
| Part No. | A16-2 |
| Manufacturer | MACOM |
| Size | 357 Kbytes |
| Pages | 2 pages |
| Description | Cascadable Amplifier 10 to 1200 MHz |