Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A16-2 Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części A16-2
Szczegółowy opis  Cascadable Amplifier 10 to 1200 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

A16-2 Arkusz danych(HTML) 1 Page - Tyco Electronics

  A16-2 Datasheet HTML 1Page - Tyco Electronics A16-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cascadable Amplifier
10 to 1200 MHz
A16-2/ SMA16-2
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Electrical Specifications: Z0 = 50Ω
Ω, VCC = +15 VDC
Parameter
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-1300
10-1200
10-1200
Small Signal Gain (min)
dB
13.0
12.0
11.5
Gain Flatness (max)
dB
±0.2
±0.5
±0.7
Reverse Isolation
dB
16
Noise Figure (max)
dB
3.5
4.0
4.5
Power Output
@ 1 dB comp. (min)
dBm
6.0
5.0
4.5
IP3
dBm
+18
IP2
dBm
+28
Second Order Harmonic IP
dBm
+34
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
15
17
18
Units
Features
• LOW NOISE: 3.5 dB (TYP.)
• HIGH EFFICIENCY: 15 mA (TYP.) @ +5 Volts
• GOOD DYNAMIC RANGE: 102.5 dB (TYP.) in 1 MHz BW
• LOW VSWR: <1.5:1 (TYP.)
Description
The A16-2 RF amplifier is a discrete thin film hybrid design, which
incorporates the use of thin film manufacturing processes for
accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency range.
An active DC biasing network is used for temperature-stable
performance, in addition to an RF Choke, used for power supply
decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed,
and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A16-2
TO-8
SMA16-2
Surface Mount
CA16-2
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+8 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 sec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.051 W
Junction Temperature Rise
Above Case Tjc
+2ºC
* Over temperature performance limits for part number CA16-2, guaranteed from 0
oC to +50oC only.


Podobny numer części - A16-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
A16-2-T1 OMRON-A16-2-T1 Datasheet
742Kb / 17P
Pushbutton Switch / Indicator
A16-2-T2 OMRON-A16-2-T2 Datasheet
742Kb / 17P
Pushbutton Switch / Indicator
A16-24 OMRON-A16-24 Datasheet
517Kb / 16P
Indicator with Cylindrical 20-mm 횞 12-dia. Body
A16-24 OMRON-A16-24 Datasheet
1Mb / 14P
Pushbutton Switch Series with Cylindrical 20-mm × 12-dia. Body
A16-24A OMRON-A16-24A Datasheet
742Kb / 17P
Pushbutton Switch / Indicator
More results

Podobny opis - A16-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64 Datasheet
110Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A21-1 MACOM-A21-1_1 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MACOM-A64_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MA-COM-A64 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A66 MA-COM-A66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MA-COM-A1211 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com