Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

20P-JMDSS-G-1-TF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 20P-JMDSS-G-1-TF Datasheet

  • # Example questions: ➢ What is the quantity of connectors supplied per reel, regardless of the number of circuits?
    ➢ What standard do the specifications conform to, according to the document?
    ➢ What materials are the connector contacts and housing made of?

  • Part No.20P-JMDSS-G-1-TF
    ManufacturerJST
    Size284 Kbytes
    Pages3 pages
    DescriptionBoard-to-board connectors
    Datasheet Summary with AI

    1. Product Overview: JMD Connectors

    ️· Type: These are edge card connectors, specifically designed for board-to-board connections. They are available in both plug (male) and receptacle (female) versions.
    ️· Range: They offer a range of connectors covering 20 to 100 circuits (pins).
    ️· Application: Designed for automated placement due to embossed-tape packaging. They are built according to JIS C 0806 standards.
    ️· Note: Specifications are subject to change.

    2. Connector Types & Models

    ️· Plug (Male) Connectors:
    - Model naming convention: `[Circuit Number]R-JMDSS-G-1-TF` (e.g., 20R-JMDSS-G-1-TF)
    - Example Models: 20R, 30R, 20P
    ️· Receptacle (Female) Connectors:
    - Model naming convention: `[Circuit Number]R-JMDSS-G-1-TF` (e.g., 20R-JMDSS-G-1-TF)
    ️· Model Number Significance: Circuit number indicates the number of circuits/pins available.

    3. Materials & Finish

    ️· Contact: Phosphor bronze, gold-plated (for improved conductivity and corrosion resistance).
    ️· Housing: Polyamide, UL94V-0 (flame retardant material).
    ️· Solder Tab: Brass, copper-undercoated, tin/lead-plated (for good solderability).

    4. Dimensions & Taping Specifications

    ️· General Dimensions (Plug & Receptacle - see table below for specific values): Dimensions provided with notations for F, S, W, W1, representing different dimensions critical for tape placement and board layout.
    ️· Taping Specifications Table (Example Values, see full table in original text):

    Circuits F (mm) S (mm) W (mm) W1 (mm) Q'ty/Reel
    20 7.5 16.0 17.5 N/A 1500
    30 11.5 24.0 25.5 N/A 1500
    40 11.5 24.0 25.5 N/A 1500
    ... ... ... ... ... ...

    *The F, S, W, and W1 dimensions are vital for proper tape alignment during automated assembly.*

    5. Assembly Layout

    ️· A layout guide is provided for correct connector placement on printed circuit boards.
    ️· Dimensions provided (but specific numeric values would require reading the original document.)

    6. Important Notes

    ️· JIS C 0806 Compliance: Connectors are manufactured to these industry standards.
    ️· Embossed Tape Packaging: Designed for automated pick-and-place machines.
    ️· Subject to Change: Specifications may be updated.

    1. Product Overview: JMD Connectors

    ️· Type: These are edge card connectors, specifically designed for board-to-board connections. They are available in both plug (male) and receptacle (female) versions.
    ️· Range: They offer a range of connectors covering 20 to 100 circuits (pins).
    ️· Application: Designed for automated placement due to embossed-tape packaging. They are built according to JIS C 0806 standards.
    ️· Note: Specifications are subject to change.

    2. Connector Types & Models

    ️· Plug (Male) Connectors:
    - Model naming convention: `[Circuit Number]R-JMDSS-G-1-TF` (e.g., 20R-JMDSS-G-1-TF)
    - Example Models: 20R, 30R, 20P
    ️· Receptacle (Female) Connectors:
    - Model naming convention: `[Circuit Number]R-JMDSS-G-1-TF` (e.g., 20R-JMDSS-G-1-TF)
    ️· Model Number Significance: Circuit number indicates the number of circuits/pins available.

    3. Materials & Finish

    ️· Contact: Phosphor bronze, gold-plated (for improved conductivity and corrosion resistance).
    ️· Housing: Polyamide, UL94V-0 (flame retardant material).
    ️· Solder Tab: Brass, copper-undercoated, tin/lead-plated (for good solderability).

    4. Dimensions & Taping Specifications

    ️· General Dimensions (Plug & Receptacle - see table below for specific values): Dimensions provided with notations for F, S, W, W1, representing different dimensions critical for tape placement and board layout.
    ️· Taping Specifications Table (Example Values, see full table in original text):

    Circuits F (mm) S (mm) W (mm) W1 (mm) Q'ty/Reel
    20 7.5 16.0 17.5 N/A 1500
    30 11.5 24.0 25.5 N/A 1500
    40 11.5 24.0 25.5 N/A 1500
    ... ... ... ... ... ...

    *The F, S, W, and W1 dimensions are vital for proper tape alignment during automated assembly.*

    5. Assembly Layout

    ️· A layout guide is provided for correct connector placement on printed circuit boards.
    ️· Dimensions provided (but specific numeric values would require reading the original document.)

    6. Important Notes

    ️· JIS C 0806 Compliance: Connectors are manufactured to these industry standards.
    ️· Embossed Tape Packaging: Designed for automated pick-and-place machines.
    ️· Subject to Change: Specifications may be updated.

    Part No.20P-JMDSS-G-1-TF
    ManufacturerJST
    Size284 Kbytes
    Pages3 pages
    DescriptionBoard-to-board connectors