Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

20P-JMDSS-G-1-TF Arkusz danych(PDF) 2 Page - JST Mfg. Co., Ltd.

Numer części 20P-JMDSS-G-1-TF
Szczegółowy opis  Board-to-board connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JST [JST Mfg. Co., Ltd.]
Strona internetowa  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

20P-JMDSS-G-1-TF Arkusz danych(HTML) 2 Page - JST Mfg. Co., Ltd.

  20P-JMDSS-G-1-TF Datasheet HTML 1Page - JST Mfg. Co., Ltd. 20P-JMDSS-G-1-TF Datasheet HTML 2Page - JST Mfg. Co., Ltd. 20P-JMDSS-G-1-TF Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
239
JMD CONNECTOR
Plug ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Receptacle–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
0.2(.008)
B
A
C
2.3
(.091)
0.5
(.020)
0.2(.008)
1.15(.045)
1.3(.051)
B
A
C
0.5
(.020)
2.3(.091)
Top entry type
0.2(.008)
B
A
2.3
(.091)
1.7
(.067)
0.5
(.020)
C
Side entry type
Circuits
Model No.
Dimensions mm(in.)
AB
Q´ty /
reel
20
30
40
50
60
70
80
100
4.5(.177)
7.0(.276)
9.5(.374)
12.0(.472)
14.5(.571)
17.0(.669)
19.5(.768)
24.5(.965)
9.1( .358)
11.6( .457)
14.1( .555)
16.6( .654)
19.1( .752)
21.6( .850)
24.1( .949)
29.1(1.146)
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
20P-JMDSS-G-1-TF
40P-JMDSS-G-1-TF
50P-JMDSS-G-1-TF
60P-JMDSS-G-1-TF
70P-JMDSS-G-1-TF
80P-JMDSS-G-1-TF
100P-JMDSS-G-1-TF
30P5.0-JMDSS-G-1-TF
40P5.0-JMDSS-G-1-TF
50P6.0-JMDSS-G-1-TF
60P6.0-JMDSS-G-1-TF
70P6.0-JMDSS-G-1-TF
Top entry type
Side entry type
20PS-JMDSS-G-1-TF
50PS-JMDSS-G-1-TF
60PS-JMDSS-G-1-TF
70PS-JMDSS-G-1-TF
80PS-JMDSS-G-1-TF
100PS-JMDSS-G-1-TF
C
Circuits
Model No.
Dimensions mm(in.)
AB
Q'ty /
reel
Top entry type
Side entry type
C
5.7( .224)
8.2( .323)
10.7( .421)
13.2( .520)
15.7( .618)
18.2( .717)
20.7( .815)
25.7(1.012)
Material and Finish
Contact: Phosphor bronze, gold-plated
Housing: Polyamide, UL94V-0
Solder tab: Brass, copper-undercoated, tin/lead-plated
4.5mm (.117")
5.0mm (.197")
6.0mm (.236")
Note: The products listed above are supplied on embossed-tape.
BC
Q'ty /
reel
9.1( .358)
11.6( .457)
14.1( .555)
16.6( .654)
19.1( .752)
21.6( .850)
24.1( .949)
29.1(1.146)
5.7( .224)
8.2( .323)
10.7( .421)
13.2( .520)
15.7( .618)
18.2( .718)
20.7( .815)
25.7(1.012)
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
Cir-
cuits
Dimensions mm(in.)
20
30
40
50
60
70
80
100
A
4.5(.177)
7.0(.276)
9.5(.374)
12.0(.472)
14.5(.571)
17.0(.669)
19.5(.768)
24.5(.965)
Model No.
20R-JMDSS-G-1-TF
30R-JMDSS-G-1-TF
40R-JMDSS-G-1-TF
50R-JMDSS-G-1-TF
60R-JMDSS-G-1-TF
70R-JMDSS-G-1-TF
80R-JMDSS-G-1-TF
100R-JMDSS-G-1-TF
Material and Finish
Contact: Phosphor bronze, gold-plated
Housing: Polyamide, UL94V-0
Solder tab: Brass, copper-undercoated, tin/lead-plated
Note: The products listed above are supplied on embossed-tape.



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com