Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX1472 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MAX1472_05 Datasheet

  • # Example questions: ➢ What is the primary purpose of the pullup inductance connected to the pa output, as described in the 'output matching to 50ω' section?
    ➢ What are two key recommendations related to trace lengths and ground planes?
    ➢ What is the relationship between the carrier frequency (frf) and the crystal frequency (fxtal)?

  • Part No.MAX1472_05
    ManufacturerMAXIM
    Size239 Kbytes
    Pages9 pages
    Description300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
    Datasheet Summary with AI

    1. Overview & Purpose

    ️· Device: MAX1472 ASK/OOK Transmitter
    ️· Frequency Range: 300 MHz to 450 MHz. This is a crucial parameter for the application (radio communication bands).
    ️· Function: Generates a carrier signal (modulated by data) for radio transmission.
    ️· Key Features:
    - Integrated PLL (Phase-Locked Loop): This is vital for frequency stability and tuning.
    - High-Efficiency Power Amplifier (PA): Important for maximizing transmission range and minimizing power consumption.
    - Low-Power Shutdown Mode: Crucial for battery-powered devices.

    2. Key Technical Specifications & Operation

    ️· Crystal Oscillator: Requires a crystal to define the carrier frequency.
    - Relationship: f<sub>RF</sub> (carrier frequency) = 32 * f<sub>XTAL</sub> (crystal frequency). Example: a 9.84375 MHz crystal gives a carrier of approximately 315 MHz.
    - Crystal Load: Requires a capacitance of approximately 3.1 pF. Mismatching can introduce frequency errors (up to hundreds of ppm – parts per million).
    ️· PLL Lock Detect: Prevents transmission until the PLL is stable.
    ️· Power Amplifier: Class-C design, requires external matching network for optimal performance.
    - Output Impedance: 250 ohms *before* impedance matching.
    - Can be adjusted for lower output power to conserve power.
    ️· Shutdown Mode: Controlled by the ENABLE pin. Reduces supply current to less than 5 nA. 220µs turn-on time.
    ️· Chip Information: 1430 transistors, CMOS process.

    3. Application Considerations (Very Important for Design)

    ️· Output Matching: Essential for efficient power transfer to the antenna. Different matching networks for a 50Ω system vs. a small loop antenna.
    ️· Layout: Critical for high-frequency circuits.
    - Short trace lengths
    - Controlled impedance lines
    - Solid ground plane
    - Close decoupling capacitors

    4. Detailed Application Notes & Recommendations

    ️· Frequency Error and Crystal Selection: Carefully select a crystal to minimize frequency error. Account for the crystal's case capacitance and motional capacitance.
    ️· Antenna Design: Consider antenna impedance.
    ️· PC Board Design: Minimize parasitic inductance. A solid ground plane reduces inductance.

    5. Significant Terminology

    ️· ASK/OOK: Amplitude Shift Keying/On-Off Keying. Modulation techniques.
    ️· PLL: Phase-Locked Loop - A circuit that generates a stable carrier frequency.
    ️· ppm: Parts Per Million (a way to express frequency error)
    ️· Class-C Amplifier: A type of amplifier with characteristics that make it suitable for this application.

    In Essence:

    This datasheet is a guide for engineers designing radio transmission systems using the MAX1472. The document emphasizes that correct crystal selection, proper output matching, careful PC board layout, and understanding the datasheet terminology are crucial for optimal performance.

    1. Overview & Purpose

    ️· Device: MAX1472 ASK/OOK Transmitter
    ️· Frequency Range: 300 MHz to 450 MHz. This is a crucial parameter for the application (radio communication bands).
    ️· Function: Generates a carrier signal (modulated by data) for radio transmission.
    ️· Key Features:
    - Integrated PLL (Phase-Locked Loop): This is vital for frequency stability and tuning.
    - High-Efficiency Power Amplifier (PA): Important for maximizing transmission range and minimizing power consumption.
    - Low-Power Shutdown Mode: Crucial for battery-powered devices.

    2. Key Technical Specifications & Operation

    ️· Crystal Oscillator: Requires a crystal to define the carrier frequency.
    - Relationship: f<sub>RF</sub> (carrier frequency) = 32 * f<sub>XTAL</sub> (crystal frequency). Example: a 9.84375 MHz crystal gives a carrier of approximately 315 MHz.
    - Crystal Load: Requires a capacitance of approximately 3.1 pF. Mismatching can introduce frequency errors (up to hundreds of ppm – parts per million).
    ️· PLL Lock Detect: Prevents transmission until the PLL is stable.
    ️· Power Amplifier: Class-C design, requires external matching network for optimal performance.
    - Output Impedance: 250 ohms *before* impedance matching.
    - Can be adjusted for lower output power to conserve power.
    ️· Shutdown Mode: Controlled by the ENABLE pin. Reduces supply current to less than 5 nA. 220µs turn-on time.
    ️· Chip Information: 1430 transistors, CMOS process.

    3. Application Considerations (Very Important for Design)

    ️· Output Matching: Essential for efficient power transfer to the antenna. Different matching networks for a 50Ω system vs. a small loop antenna.
    ️· Layout: Critical for high-frequency circuits.
    - Short trace lengths
    - Controlled impedance lines
    - Solid ground plane
    - Close decoupling capacitors

    4. Detailed Application Notes & Recommendations

    ️· Frequency Error and Crystal Selection: Carefully select a crystal to minimize frequency error. Account for the crystal's case capacitance and motional capacitance.
    ️· Antenna Design: Consider antenna impedance.
    ️· PC Board Design: Minimize parasitic inductance. A solid ground plane reduces inductance.

    5. Significant Terminology

    ️· ASK/OOK: Amplitude Shift Keying/On-Off Keying. Modulation techniques.
    ️· PLL: Phase-Locked Loop - A circuit that generates a stable carrier frequency.
    ️· ppm: Parts Per Million (a way to express frequency error)
    ️· Class-C Amplifier: A type of amplifier with characteristics that make it suitable for this application.

    In Essence:

    This datasheet is a guide for engineers designing radio transmission systems using the MAX1472. The document emphasizes that correct crystal selection, proper output matching, careful PC board layout, and understanding the datasheet terminology are crucial for optimal performance.

    Part No.MAX1472_05
    ManufacturerMAXIM
    Size239 Kbytes
    Pages9 pages
    Description300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter