Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX1472 Arkusz danych(PDF) 5 Page - Maxim Integrated Products

Numer części MAX1472
Szczegółowy opis  300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1472 Arkusz danych(HTML) 5 Page - Maxim Integrated Products

  MAX1472_05 Datasheet HTML 1Page - Maxim Integrated Products MAX1472_05 Datasheet HTML 2Page - Maxim Integrated Products MAX1472_05 Datasheet HTML 3Page - Maxim Integrated Products MAX1472_05 Datasheet HTML 4Page - Maxim Integrated Products MAX1472_05 Datasheet HTML 5Page - Maxim Integrated Products MAX1472_05 Datasheet HTML 6Page - Maxim Integrated Products MAX1472_05 Datasheet HTML 7Page - Maxim Integrated Products MAX1472_05 Datasheet HTML 8Page - Maxim Integrated Products MAX1472_05 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
300MHz-to-450MHz Low-Power, Crystal-Based
ASK Transmitter
_______________________________________________________________________________________
5
TRANSMIT POWER EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
30
35
40
45
50
25
2.0
3.6
-40
°C
+25
°C
+85
°C
+125
°C
CW OUTPUT
fRF = 433MHz
TRANSMIT POWER EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
20
25
30
35
40
45
50
2.0
3.6
-40
°C
+25
°C
+85
°C
+125
°C
OOK OUTPUT AT
50% DUTY CYCLE
fRF = 315MHz
TRANSMIT POWER EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.4
2.8
25
30
35
40
45
20
2.0
3.6
-40
°C
+25
°C
+85
°C
+125
°C
OOK OUTPUT AT
50% DUTY CYCLE
fRF = 433MHz
PHASE NOISE vs. OFFSET FREQUENCY
fOFFSET (Hz)
1M
100k
10k
1k
100
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-140
10
10M
SUPPLY CURRENT AND OUTPUT POWER
vs. EXTERNAL RESISTOR
MAX1472 toc14
EXTERNAL RESISTOR (
Ω)
100
10
1
2
4
6
8
10
12
0
0.1
1000
2
4
6
8
10
12
0
POWER
CURRENT
fRF = 315MHz
SUPPLY CURRENT vs. OUTPUT POWER
OUTPUT POWER (dBm)
8
6
2
4
3
4
5
6
7
8
9
10
2
010
fRF = 315MHz
50% DUTY CYCLE
CW
FREQUENCY SETTLING TIME
MAX1472 toc16
25kHz/div
ENABLE
TRANSITION
FROM LOW
TO HIGH
ENABLE
TRANSITION
FROM LOW
TO HIGH
2.5kHz/div
START: 0s
START: 0s
1ms
1ms
Typical Operating Characteristics (continued)
(Typical Application Circuit, VDD = 2.7V, TA = +25°C, unless otherwise noted.)
AM DEMODULATION OF PA OUTPUT
MAX1472 toc17
DATA RATE
= 100kHz
START: 0s
STOP: 20
µs
15%/div



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com