Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCED1100 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TCED1100 Datasheet

  • # Example questions: ➢ What is the leadform of the tced1100g as indicated in the dimensions section?
    ➢ What is the typical rise time (tr) for the tced1100, as specified in the 'switching characteristics' section?
    ➢ What happens to the collector-emitter saturation voltage (vce(sat)) as the collector current (ic) increases?

  • Part No.TCED1100
    ManufacturerVISHAY
    Size207 Kbytes
    Pages9 pages
    DescriptionOptocoupler with Photodarlington Output
    Datasheet Summary with AI

    # TCED1100(G) up to TCED4100
    ## Optocoupler with Photodarlington Output

    Description
    · Consists of a phototransistor and infrared-emitting diode in a plastic package.
    · Uses coplanar technique for fixed input/output distance and safety.

    Applications
    · Safe protective separation (reinforced isolation) for electrical shock.
    · Suitable for mains voltages ≤ 300V and ≤ 600V (VDE 0884).
    · Applications include: switch-mode power supplies, line receivers, computer/microprocessor interfaces.

    VDE Standards
    · VDE 0884: Optocoupler for electrical safety.
    · IEC 950/EN 60950: Office machines (reinforced isolation ≤ 400V RMS).
    · VDE 0804: Telecommunication apparatus/data processing.
    · IEC 65: Safety for electronic household apparatus.

    Ordering Information
    · TCED1100/TCED1100G: 4-pin, single channel, 600% CTR.
    · TCED2100: 8-pin, dual channel, 600% CTR.
    · TCED4100: 16-pin, quad channel, 600% CTR.
    · "G" suffix denotes leadform 10.16mm (creepage distance > 8mm).

    Features
    · Approvals: BSI, FIMKO, UL, CSA, VDE.
    · VDE 0884 Features:
    - Rated impulse voltage (VIOTM) = 8 kV peak.
    - Isolation test voltage (Vpd) = 1.6 kV.
    - Rated isolation voltage (VIOWM) = 600 VRMS.
    - Creepage current resistance (CTI) ≥ 175.
    - Insulation thickness ≥ 0.75 mm.
    - Internal creepage distance > 4 mm.
    · General Features:
    - Isolation materials: UL94-VO.
    - Pollution degree: 2.
    - Climatic classification: 55/100/21 (IEC 68).
    - Low coupling capacity (0.2 pF), high Common Mode Rejection.
    - Low temperature coefficient of CTR.

    Absolute Maximum Ratings
    Input (Emitter):
    · Reverse voltage (VR): 6V
    · Forward current (IF): 60 mA
    Output (Detector):
    · Collector-emitter voltage (VCEO): 35V
    · Collector current (IC): 80 mA
    Coupler:
    · AC isolation test voltage (VIO): 5 kV
    · Operating ambient temperature: -40 to +100°C

    Electrical Characteristics (Tamb = 25°C)
    · Forward voltage (VF): 1.15 - 1.4V (IF = 20mA).
    · Collector-emitter saturation voltage (VCEsat): 1V (IF = 20mA, IC = 5mA).
    · Current Transfer Ratio (CTR): 6.0 - 8.0 (TCED1100/2100/4100, VCE = 2V, IF = 1mA).

    Maximum Safety Ratings (VDE 0884)
    · Forward current (Isi): 130 mA
    · Rated impulse voltage (VIOTM): 8 kV
    · Safety temperature (Tsi): 150°C

    Dimensions
    · Available in 4, 8, and 16 pin packages.
    · Creepage distance: 6mm (standard), 8mm (with “G” leadform).
    · Weight: ~0.25g (4-pin), ~0.5g (8-pin), ~1.1g (16-pin).

    # TCED1100(G) up to TCED4100
    ## Optocoupler with Photodarlington Output

    Description
    · Consists of a phototransistor and infrared-emitting diode in a plastic package.
    · Uses coplanar technique for fixed input/output distance and safety.

    Applications
    · Safe protective separation (reinforced isolation) for electrical shock.
    · Suitable for mains voltages ≤ 300V and ≤ 600V (VDE 0884).
    · Applications include: switch-mode power supplies, line receivers, computer/microprocessor interfaces.

    VDE Standards
    · VDE 0884: Optocoupler for electrical safety.
    · IEC 950/EN 60950: Office machines (reinforced isolation ≤ 400V RMS).
    · VDE 0804: Telecommunication apparatus/data processing.
    · IEC 65: Safety for electronic household apparatus.

    Ordering Information
    · TCED1100/TCED1100G: 4-pin, single channel, 600% CTR.
    · TCED2100: 8-pin, dual channel, 600% CTR.
    · TCED4100: 16-pin, quad channel, 600% CTR.
    · "G" suffix denotes leadform 10.16mm (creepage distance > 8mm).

    Features
    · Approvals: BSI, FIMKO, UL, CSA, VDE.
    · VDE 0884 Features:
    - Rated impulse voltage (VIOTM) = 8 kV peak.
    - Isolation test voltage (Vpd) = 1.6 kV.
    - Rated isolation voltage (VIOWM) = 600 VRMS.
    - Creepage current resistance (CTI) ≥ 175.
    - Insulation thickness ≥ 0.75 mm.
    - Internal creepage distance > 4 mm.
    · General Features:
    - Isolation materials: UL94-VO.
    - Pollution degree: 2.
    - Climatic classification: 55/100/21 (IEC 68).
    - Low coupling capacity (0.2 pF), high Common Mode Rejection.
    - Low temperature coefficient of CTR.

    Absolute Maximum Ratings
    Input (Emitter):
    · Reverse voltage (VR): 6V
    · Forward current (IF): 60 mA
    Output (Detector):
    · Collector-emitter voltage (VCEO): 35V
    · Collector current (IC): 80 mA
    Coupler:
    · AC isolation test voltage (VIO): 5 kV
    · Operating ambient temperature: -40 to +100°C

    Electrical Characteristics (Tamb = 25°C)
    · Forward voltage (VF): 1.15 - 1.4V (IF = 20mA).
    · Collector-emitter saturation voltage (VCEsat): 1V (IF = 20mA, IC = 5mA).
    · Current Transfer Ratio (CTR): 6.0 - 8.0 (TCED1100/2100/4100, VCE = 2V, IF = 1mA).

    Maximum Safety Ratings (VDE 0884)
    · Forward current (Isi): 130 mA
    · Rated impulse voltage (VIOTM): 8 kV
    · Safety temperature (Tsi): 150°C

    Dimensions
    · Available in 4, 8, and 16 pin packages.
    · Creepage distance: 6mm (standard), 8mm (with “G” leadform).
    · Weight: ~0.25g (4-pin), ~0.5g (8-pin), ~1.1g (16-pin).

    Part No.TCED1100
    ManufacturerVISHAY
    Size207 Kbytes
    Pages9 pages
    DescriptionOptocoupler with Photodarlington Output