| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BU911 Datasheet
# Example questions:
➢ What is the typical forward voltage (vf) when a forward current (if) of 4a is applied to the diode within the bu911?
➢ What are the dimensions of the to-220 package for the bu911, specifically the height (h) and width (b)?
➢ What is the maximum collector current (ic) that the bu911 transistor can handle?
# NPN BU911 High Voltage Power Darlington
## General Description
️· High voltage, silicon NPN transistor in a monolithic Darlington configuration.
️· Packaged in a Jedec TO-220 plastic package.
️· Designed for applications like electronic ignition, DC and AC motor controls, and solenoid drivers.
## Absolute Maximum Ratings
️· VCEO: 400V
️· VCES: 450V
️· VEBO: 5V
️· IC: 6A
️· ICM: 10A
️· IB: 1A
️· PD: 60 Watts
️· TJ: 150 °C
️· Tstg: -65 to +150 °C
## Thermal Characteristics
️· RthJ-C: 70 K/W
## Electrical Characteristics (TC=25°C unless noted)
️· ICEO: 1 mA (VCE=400V, IB=0V)
️· ICES: 5 mA (VCE=450V, VBE=0, TC=125°C)
️· IEBO: 5 mA (VBE=5.0V, IC=0)
️· VCEO(sus): 400V (IC=100 mA)
️· VF: 2.5V (IF=4A)
️· VCE(SAT): 1.8V - 2.2V (depending on IC and IB)
️· VBE(SAT): 2.5V (depending on IC and IB)
## Mechanical Data (TO-220)
| Dimension | mm | inches |
|---|---|---|
| A | 9.86 | 0.39 |
| B | 15.73 | 0.62 |
| C | 13.37 | 0.52 |
| D | 6.67 | 0.26 |
| E | 4.44 | 0.17 |
| F | 4.21 | 0.16 |
| G | 2.99 | 0.11 |
| H | 17.21 | 0.68 |
| L | 1.29 | 0.05 |
| M | 3.6 | 0.14 |
| N | 1.36 | 0.05 |
| P | 0.46 | 0.02 |
| R | 2.1 | 0.08 |
| S | 5 | 0.19 |
| T | 2.52 | 0.098 |
| U | 0.79 | 0.03 |
# NPN BU911 High Voltage Power Darlington
## General Description
️· High voltage, silicon NPN transistor in a monolithic Darlington configuration.
️· Packaged in a Jedec TO-220 plastic package.
️· Designed for applications like electronic ignition, DC and AC motor controls, and solenoid drivers.
## Absolute Maximum Ratings
️· VCEO: 400V
️· VCES: 450V
️· VEBO: 5V
️· IC: 6A
️· ICM: 10A
️· IB: 1A
️· PD: 60 Watts
️· TJ: 150 °C
️· Tstg: -65 to +150 °C
## Thermal Characteristics
️· RthJ-C: 70 K/W
## Electrical Characteristics (TC=25°C unless noted)
️· ICEO: 1 mA (VCE=400V, IB=0V)
️· ICES: 5 mA (VCE=450V, VBE=0, TC=125°C)
️· IEBO: 5 mA (VBE=5.0V, IC=0)
️· VCEO(sus): 400V (IC=100 mA)
️· VF: 2.5V (IF=4A)
️· VCE(SAT): 1.8V - 2.2V (depending on IC and IB)
️· VBE(SAT): 2.5V (depending on IC and IB)
## Mechanical Data (TO-220)
| Dimension | mm | inches |
|---|---|---|
| A | 9.86 | 0.39 |
| B | 15.73 | 0.62 |
| C | 13.37 | 0.52 |
| D | 6.67 | 0.26 |
| E | 4.44 | 0.17 |
| F | 4.21 | 0.16 |
| G | 2.99 | 0.11 |
| H | 17.21 | 0.68 |
| L | 1.29 | 0.05 |
| M | 3.6 | 0.14 |
| N | 1.36 | 0.05 |
| P | 0.46 | 0.02 |
| R | 2.1 | 0.08 |
| S | 5 | 0.19 |
| T | 2.52 | 0.098 |
| U | 0.79 | 0.03 |
| Part No. | BU911 |
| Manufacturer | COMSET |
| Size | 233 Kbytes |
| Pages | 2 pages |
| Description | HIGH VOLTAGE POWER DARLINGTON |