Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SBYD17D Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SBYD17D Datasheet

  • # Example questions: ➢ What is the maximum permissible operating temperature for this rectifier?
    ➢ How does the current rating change when used with a capacitive load?
    ➢ What marking is used to identify the cathode end of this device?

  • Part No.SBYD17D
    ManufacturerGULFSEMI
    Size151 Kbytes
    Pages2 pages
    DescriptionSINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
    Datasheet Summary with AI

    # SBYD17D Rectifier

    ## General Description
    ️· Sintered glass junction, surface mounted rectifier.
    ️· Voltage: 200V
    ️· Current: 1.0A
    ️· GF1/ DO-214BA package.

    ## Features
    ️· Designed for surface mounting.
    ️· High-temperature metallurgically bonded.
    ️· Complies with environmental standard MIL-S-19500.
    ️· High-temperature soldering guaranteed (450℃ for 10 seconds).
    ️· Submersible temperature rating: 265℃ for 10 seconds.

    ## Mechanical Data
    ️· Plated terminals, solderable per MIL-STD 202, method 208C.
    ️· Case: UL-94 class V-0 flame retardant epoxy over glass.
    ️· Polarity indicated by a color band on the cathode end.
    ️· Marking: D17D.


    ## Electrical Characteristics
    ️· Maximum Recurrent Peak Reverse Voltage (Vrrm): 200V
    ️· Maximum RMS Voltage (Vrms): 140V
    ️· Maximum DC Blocking Voltage (Vdc): 200V
    ️· Reverse Avalanche Breakdown Voltage (V(BR)R): 225V min.
    ️· Maximum Average Forward Rectified Current (If(av)): 1.0A
    ️· Peak Forward Surge Current (Ifsm): 30.0A
    ️· Maximum Forward Voltage (Vf) at rated current (Ta = 25℃): 1.05V
    ️· Maximum DC Reverse Current (Ir) at rated DC blocking voltage (Ta = 25℃, Ta = 150℃): 50.0 µA
    ️· Typical Junction Capacitance (Cj): 15.0 pF
    ️· Typical Thermal Resistance (Rth(ja)): 80.0 ℃/W
    ️· Operating and Storage Temperature Range: -65 to +175 ℃

    ## Notes
    ️· For capacitive loads, derate current by 20%.
    ️· L=120mH; Tj=Tjmax prior to surge; inductive load switched off.
    ️· Thermal Resistance measured with 6.0mm x 2 copper pads.

    # SBYD17D Rectifier

    ## General Description
    ️· Sintered glass junction, surface mounted rectifier.
    ️· Voltage: 200V
    ️· Current: 1.0A
    ️· GF1/ DO-214BA package.

    ## Features
    ️· Designed for surface mounting.
    ️· High-temperature metallurgically bonded.
    ️· Complies with environmental standard MIL-S-19500.
    ️· High-temperature soldering guaranteed (450℃ for 10 seconds).
    ️· Submersible temperature rating: 265℃ for 10 seconds.

    ## Mechanical Data
    ️· Plated terminals, solderable per MIL-STD 202, method 208C.
    ️· Case: UL-94 class V-0 flame retardant epoxy over glass.
    ️· Polarity indicated by a color band on the cathode end.
    ️· Marking: D17D.

    ## Electrical Characteristics
    ️· Maximum Recurrent Peak Reverse Voltage (Vrrm): 200V
    ️· Maximum RMS Voltage (Vrms): 140V
    ️· Maximum DC Blocking Voltage (Vdc): 200V
    ️· Reverse Avalanche Breakdown Voltage (V(BR)R): 225V min.
    ️· Maximum Average Forward Rectified Current (If(av)): 1.0A
    ️· Peak Forward Surge Current (Ifsm): 30.0A
    ️· Maximum Forward Voltage (Vf) at rated current (Ta = 25℃): 1.05V
    ️· Maximum DC Reverse Current (Ir) at rated DC blocking voltage (Ta = 25℃, Ta = 150℃): 50.0 µA
    ️· Typical Junction Capacitance (Cj): 15.0 pF
    ️· Typical Thermal Resistance (Rth(ja)): 80.0 ℃/W
    ️· Operating and Storage Temperature Range: -65 to +175 ℃

    ## Notes
    ️· For capacitive loads, derate current by 20%.
    ️· L=120mH; Tj=Tjmax prior to surge; inductive load switched off.
    ️· Thermal Resistance measured with 6.0mm x 2 copper pads.

    Part No.SBYD17D
    ManufacturerGULFSEMI
    Size151 Kbytes
    Pages2 pages
    DescriptionSINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A