Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SBYD17D Arkusz danych(PDF) 1 Page - Gulf Semiconductor

Numer części SBYD17D
Szczegółowy opis  SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GULFSEMI [Gulf Semiconductor]
Strona internetowa  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SBYD17D Arkusz danych(HTML) 1 Page - Gulf Semiconductor

  SBYD17D Datasheet HTML 1Page - Gulf Semiconductor SBYD17D Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SBYD17D
SINTERED GLASS JUNCTION
SURFACE MOUNTED RECTIFIER
VOLTAGE:
:200V
CURRENT:
: 1.0A
FEATURE
GF1/ DO-214BA
For surface mounted application
High temperature metallurgic ally bonded
Sintered glass junction
Capability of meeting environmental standard of MIL-S-19500
High temperature soldering guaranteed
450℃/10sec/at terminal/complete device
Submersible temperature of 265℃ for 10sec
MECHANICAL DATA
Terminal:Plated Terminal, solderable per
MIL-STD 202, method 208C
Case:Molded with UL-94 class V-0 recognized
Flame Retardant Epoxy over Glass
Polarity:color band denotes cathode end
Mark:D17D
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
SBYD17D
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
V
Maximum RMS Voltage
Vrms
140
V
Maximum DC blocking Voltage
Vdc
200
V
Reverse avalanche breakdown voltage
at IR = 0.1 mA
V(BR)R
225min
V
Maximum Average Forward Rectified Current
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Forward Voltage at rated Forward
current
Ta =25℃
Vf
1.05
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =150℃
Ir
1.0
50.0
µ
A
Non-Repetitive Peak Reverse Avalanche Energy
(Note 1)
Ersm
7.0
mJ
Typical Junction Capacitance
(Note 2)
Cj
15.0
pF
Typical Thermal Resistance
(Note 3)
Rth(ja)
80.0
℃/W
Operating and Storage Temperature Range
Tst, Tj
-65 to +175
Note:
1. L=120mH; Tj=Tjmax prior to surge; inductive load switched off
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient 6.0mm2 copper pad to each terminal


Podobny numer części - SBYD17D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SBY100505T-060Y-N ETC1-SBY100505T-060Y-N Datasheet
717Kb / 14P
SMD Chip Beads
SBY100505T-100Y-N ETC1-SBY100505T-100Y-N Datasheet
717Kb / 14P
SMD Chip Beads
SBY100505T-102Y-N ETC1-SBY100505T-102Y-N Datasheet
717Kb / 14P
SMD Chip Beads
SBY100505T-121Y-N ETC1-SBY100505T-121Y-N Datasheet
717Kb / 14P
SMD Chip Beads
SBY100505T-152Y-N ETC1-SBY100505T-152Y-N Datasheet
717Kb / 14P
SMD Chip Beads
More results

Podobny opis - SBYD17D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gulf Semiconductor
1N5620 GULFSEMI-1N5620 Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
1N5620GP GULFSEMI-1N5620GP Datasheet
184Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26A GULFSEMI-BYV26A Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26B GULFSEMI-BYV26B Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26D GULFSEMI-BYV26D Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
SR1A GULFSEMI-SR1A Datasheet
187Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SR1D-E GULFSEMI-SR1D-E Datasheet
161Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SS1Q GULFSEMI-SS1Q Datasheet
174Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
SS1T GULFSEMI-SS1T Datasheet
169Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?300V CURRENT竊?1.0A
SU1A GULFSEMI-SU1A Datasheet
129Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com