| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about L9951 Datasheet
# Example questions:
➢ What type of protection is provided for the out1-out3 pins, and how does this differ from the protection on out4 and out5?
➢ What is the primary function of the cm/pwm pin, and how can its function be altered?
➢ What happens when the csn pin receives a voltage greater than 7.5v?
Okay, here's a summary of the provided text, focusing on the key information and organization.
Document Type: This is a datasheet or technical specification for the L9951 automotive half-bridge driver IC.
Key Features/Purpose:
️· Automotive Half-Bridge Driver: The L9951 is designed to drive half-bridge loads (like motors or inductive loads) in automotive applications. It appears capable of driving 5 half-bridges.
️· Protection Features: Includes overcurrent and open-load protection. ESD protection is provided.
️· SPI Communication: The device is controlled via a Serial Peripheral Interface (SPI) for configuration and diagnostics.
️· Diagnostic Capabilities: Offers diagnostic data output via SPI.
️· Multiple Outputs: It drives multiple outputs (OUT1-OUT5). Some outputs are for standard half-bridges, others for resistive loads.
️· Enable and Standby: An Enable pin allows for standby mode to reduce power consumption.
Key Sections Covered:
1. Pin Descriptions: Detailed explanations of each pin's function (power, signal, control).
2. Electrical Specifications:
- Absolute Maximum Ratings: Defines the limits beyond which the device can be damaged.
- ESD Protection: Specifies the device's electrostatic discharge tolerance.
- Thermal Data: Specifies operating junction temperature.
3. Block Diagram & Configuration Diagram: Visual representation of the internal structure and pinout of the L9951.
Key Parameters:
️· Supply Voltage (VS): Up to 28V (with absolute max of 40V pulse).
️· Logic Supply Voltage (VCC): Up to 5.5V
️· Output Current: Up to ±10A for OUT1-OUT3, ±5A for OUT4-OUT5
️· ESD Protection: ±4kV (all pins), ±8kV (output pins)
In essence, this document provides the necessary information for engineers to integrate the L9951 into automotive systems requiring reliable, controlled, and protected half-bridge driving capabilities.
Document Type: This is a datasheet or technical specification for the L9951 automotive half-bridge driver IC.
Key Features/Purpose:
️· Automotive Half-Bridge Driver: The L9951 is designed to drive half-bridge loads (like motors or inductive loads) in automotive applications. It appears capable of driving 5 half-bridges.
️· Protection Features: Includes overcurrent and open-load protection. ESD protection is provided.
️· SPI Communication: The device is controlled via a Serial Peripheral Interface (SPI) for configuration and diagnostics.
️· Diagnostic Capabilities: Offers diagnostic data output via SPI.
️· Multiple Outputs: It drives multiple outputs (OUT1-OUT5). Some outputs are for standard half-bridges, others for resistive loads.
️· Enable and Standby: An Enable pin allows for standby mode to reduce power consumption.
Key Sections Covered:
1. Pin Descriptions: Detailed explanations of each pin's function (power, signal, control).
2. Electrical Specifications:
- Absolute Maximum Ratings: Defines the limits beyond which the device can be damaged.
- ESD Protection: Specifies the device's electrostatic discharge tolerance.
- Thermal Data: Specifies operating junction temperature.
3. Block Diagram & Configuration Diagram: Visual representation of the internal structure and pinout of the L9951.
Key Parameters:
️· Supply Voltage (VS): Up to 28V (with absolute max of 40V pulse).
️· Logic Supply Voltage (VCC): Up to 5.5V
️· Output Current: Up to ±10A for OUT1-OUT3, ±5A for OUT4-OUT5
️· ESD Protection: ±4kV (all pins), ±8kV (output pins)
In essence, this document provides the necessary information for engineers to integrate the L9951 into automotive systems requiring reliable, controlled, and protected half-bridge driving capabilities.
| Part No. | L9951 |
| Manufacturer | STMICROELECTRONICS |
| Size | 538 Kbytes |
| Pages | 36 pages |
| Description | Rear door actuator driver |