Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APW7209 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about APW7209_13 Datasheet

  • # Example questions: ➢ How is the led current (iled) determined, and what components are directly involved in this calculation?
    ➢ What is the primary purpose of selecting a schottky diode in this circuit?
    ➢ The document details the importance of layout considerations. describe two specific layout recommendations and explain why they are important for optimal circuit performance.

  • Part No.APW7209_13
    ManufacturerANPEC
    Size375 Kbytes
    Pages17 pages
    Description1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
    Datasheet Summary with AI

    Document Summary: APW7209 Switching Regulator

    This document details the APW7209, a switching regulator designed for LED driver applications. It's a comprehensive guide covering functionality, design considerations, and recommended component selections.

    1. Key Features and Functionality

    ️· LED Driver: Primarily intended for driving LEDs.
    ️· Current Mode Control: The APW7209 employs current-mode control for stability and efficiency.
    ️· Brightness Control: The `V EN` pin provides flexibility. It can be used for digital PWM control of LED brightness from 100Hz to 200kHz. A 0% duty cycle results in zero LED current, while 100% corresponds to full current.
    ️· Open-LED Protection (OVP): A built-in Over Voltage Protection (OVP) circuit prevents excessive voltage on the LX pin and output voltage if an LED fails in the string.
    ️· Shutdown Mode: Grounding the `V EN` pin puts the regulator into shutdown mode, reducing quiescent current to a maximum of 1µA.
    ️· Feedback Regulation: Regulates the voltage on the FB pin (connected to the cathode of the lowest LED and a current sense resistor) at approximately 0.3V, directly controlling LED current.

    2. Component Selection Recommendations

    The following tables outline suggested component choices. These are examples, and specific requirements may necessitate different selections.

    Recommended Inductor Selection:

    Designator Manufacturer Part Number Inductance (µH) Max DCR (ohm) Saturation Current (A) Dimensions L x W x H (mm³)
    L1 GOTREND GTSD-53-470 47 0.35 0.62 5 x 5 x 2.8
    L1 GOTREND GTSD-32-220 22 0.59 0.52 3.85 x 3.85 x 1.8

    Recommended Capacitor Selection:

    Designator Manufacturer Part Number Capacitance (µF) TC Code Rated Voltage (V) Case Size
    C1 Murata GRM188R60J475KE19 4.7 X5R 6.3 0603
    C2 Murata GRM21BR71H105KA12 1.0 X7R 50 0805

    Recommended Diode Selection:

    Designator Manufacturer Part Number Maximum average forward rectified current (A) Maximum repetitive peak reverse voltage (V) Case Size
    D1 Zowie MSCD106 1.0 60 0805

    3. Design Considerations & Layout

    ️· Input Capacitor: Minimize input voltage ripple and noise. Rated voltage should be at least 1.2x the maximum input voltage. Place close to VIN and GND, using short, wide tracks and minimal vias.
    ️· Inductor Placement: Place as close as possible to the LX pin to reduce noise and track length.
    ️· Feedback Network: Route away from the inductor and shield it to minimize noise.
    ️· Grounding: Employ a star ground connection or a ground plane to reduce ground shifts and noise.
    ️· LED Current Setting: The LED current is determined by the feedback resistor and the FB pin's regulated voltage (0.3V). `I LED = 0.3V / R1`
    ️· Inductor Ripple Current: Design for 30%-50% of the average inductor current for an optimal response.

    4. Key Equations and Formulas

    ️· Peak Inductor Current: `I PEAK = I IN(MAX) + 21 ⋅ V IN / V OUT * F SW * (V OUT − V IN) / L`
    ️· LED Current: `I LED = 0.3V / R1` (where R1 is the current sense resistor)
    ️· Output Voltage Ripple: `ΔV COUT ≈ C OUT * (V OUT - V IN) / F SW`

    In essence, this document is a detailed guide for successfully implementing the APW7209 switching regulator in LED driver applications, covering design, components, and layout considerations.

    Document Summary: APW7209 Switching Regulator

    This document details the APW7209, a switching regulator designed for LED driver applications. It's a comprehensive guide covering functionality, design considerations, and recommended component selections.

    1. Key Features and Functionality

    ️· LED Driver: Primarily intended for driving LEDs.
    ️· Current Mode Control: The APW7209 employs current-mode control for stability and efficiency.
    ️· Brightness Control: The `V EN` pin provides flexibility. It can be used for digital PWM control of LED brightness from 100Hz to 200kHz. A 0% duty cycle results in zero LED current, while 100% corresponds to full current.
    ️· Open-LED Protection (OVP): A built-in Over Voltage Protection (OVP) circuit prevents excessive voltage on the LX pin and output voltage if an LED fails in the string.
    ️· Shutdown Mode: Grounding the `V EN` pin puts the regulator into shutdown mode, reducing quiescent current to a maximum of 1µA.
    ️· Feedback Regulation: Regulates the voltage on the FB pin (connected to the cathode of the lowest LED and a current sense resistor) at approximately 0.3V, directly controlling LED current.

    2. Component Selection Recommendations

    The following tables outline suggested component choices. These are examples, and specific requirements may necessitate different selections.

    Recommended Inductor Selection:

    Designator Manufacturer Part Number Inductance (µH) Max DCR (ohm) Saturation Current (A) Dimensions L x W x H (mm³)
    L1 GOTREND GTSD-53-470 47 0.35 0.62 5 x 5 x 2.8
    L1 GOTREND GTSD-32-220 22 0.59 0.52 3.85 x 3.85 x 1.8

    Recommended Capacitor Selection:

    Designator Manufacturer Part Number Capacitance (µF) TC Code Rated Voltage (V) Case Size
    C1 Murata GRM188R60J475KE19 4.7 X5R 6.3 0603
    C2 Murata GRM21BR71H105KA12 1.0 X7R 50 0805

    Recommended Diode Selection:

    Designator Manufacturer Part Number Maximum average forward rectified current (A) Maximum repetitive peak reverse voltage (V) Case Size
    D1 Zowie MSCD106 1.0 60 0805

    3. Design Considerations & Layout

    ️· Input Capacitor: Minimize input voltage ripple and noise. Rated voltage should be at least 1.2x the maximum input voltage. Place close to VIN and GND, using short, wide tracks and minimal vias.
    ️· Inductor Placement: Place as close as possible to the LX pin to reduce noise and track length.
    ️· Feedback Network: Route away from the inductor and shield it to minimize noise.
    ️· Grounding: Employ a star ground connection or a ground plane to reduce ground shifts and noise.
    ️· LED Current Setting: The LED current is determined by the feedback resistor and the FB pin's regulated voltage (0.3V). `I LED = 0.3V / R1`
    ️· Inductor Ripple Current: Design for 30%-50% of the average inductor current for an optimal response.

    4. Key Equations and Formulas

    ️· Peak Inductor Current: `I PEAK = I IN(MAX) + 21 ⋅ V IN / V OUT * F SW * (V OUT − V IN) / L`
    ️· LED Current: `I LED = 0.3V / R1` (where R1 is the current sense resistor)
    ️· Output Voltage Ripple: `ΔV COUT ≈ C OUT * (V OUT - V IN) / F SW`

    In essence, this document is a detailed guide for successfully implementing the APW7209 switching regulator in LED driver applications, covering design, components, and layout considerations.

    Part No.APW7209_13
    ManufacturerANPEC
    Size375 Kbytes
    Pages17 pages
    Description1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs