Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APW7209 Arkusz danych(PDF) 3 Page - Anpec Electronics Coropration

Numer części APW7209
Szczegółowy opis  1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANPEC [Anpec Electronics Coropration]
Strona internetowa  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7209 Arkusz danych(HTML) 3 Page - Anpec Electronics Coropration

  APW7209_13 Datasheet HTML 1Page - Anpec Electronics Coropration APW7209_13 Datasheet HTML 2Page - Anpec Electronics Coropration APW7209_13 Datasheet HTML 3Page - Anpec Electronics Coropration APW7209_13 Datasheet HTML 4Page - Anpec Electronics Coropration APW7209_13 Datasheet HTML 5Page - Anpec Electronics Coropration APW7209_13 Datasheet HTML 6Page - Anpec Electronics Coropration APW7209_13 Datasheet HTML 7Page - Anpec Electronics Coropration APW7209_13 Datasheet HTML 8Page - Anpec Electronics Coropration APW7209_13 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Sep., 2013
APW7209
www.anpec.com.tw
3
Electrical Characteristics
APW7209
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE AND CURRENT
VIN
Input Voltage Range
TA = -40 ~ 85°C, TJ = -40 ~ 125°C
2.5
-
6
V
IDD1
VFB = 0.4V, no switching
70
100
130
µA
IDD2
FB = GND, switching
-
1
2
mA
ISD
Input DC bias current
EN = GND
-
-
1
µA
UNDER VOLTAGE LOCKOUT
UVLO Threshold Voltage
VIN Rising
2.0
2.2
2.4
V
UVLO Hysteresis Voltage
50
100
150
mV
REFERENCE AND OUTPUT VOLTAGES
TA = 25°C
0.285
0.3
0.315
VREF
Regulated Feedback Voltage
TA = -40 ~ 85°C (TJ = -40 ~ 125°C)
0.276
-
0.324
V
IFB
FB Input Current
-50
-
50
nA
INTERNAL POWER SWITCH
FSW
Switching Frequency
FB=GND
0.8
1.0
1.2
MHz
RON
Power Switch On Resistance
-
0.6
-
ILIM
Power Switch Current Limit
0.7
1.0
1.4
A
LX Leakage Current
VEN=0V, VLX=0V or 5V, VIN = 5V
-1
-
1
µA
DMAX
LX Maximum Duty Cycle
92
95
98
%
OUTPUT OVER-VOLTAGE PROTECTION
VOVP
Over Voltage Threshold
VOVP rising
38
40
43
V
OVP Hysteresis
-
3
-
V
OVP Leakage Current
VOVP =40V
-
50
-
µA
ENABLE AND SHUTDOWN
VTEN
EN Voltage Threshold
VEN Rising
0.4
0.7
1
V
EN Voltage Hysteresis
-
0.1
-
V
ILEN
EN Leakage Current
VEN= 0~5V, VIN = 5V
-1
-
1
µA
OVER-TEMPERATURE PROTECTION
TOTP
Over-Temperature Protection
(Note 4)
TJ Rising
-
150
-
°C
Over-Temperature Protection
Hysteresis
(Note 4)
-
40
-
°C
Note 4: Guaranteed by design, not production tested.
(Refer to figure 1 in the “Typical Application Circuits”. These specifications apply over V
IN = 3.6V, TA = -40°C to 85°C, unless otherwise
noted. Typical values are at T
A = 25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com