| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BXHF1090 Datasheet
# Example questions:
➢ What is the minimum operating temperature for the bxhf1090?
➢ What is the typical output power of the bxhf1090 amplifier?
➢ What type of rf connectors does the bxhf1090 use?
# High Frequency Microwave Amplifier - Model # BXHF1090
## Overview
A high-frequency amplifier covering 6-10 GHz, designed with a laser-sealed housing for environmental protection. A screened MIL-STD-883 version is available (Model #SXHF1090). All specifications are based on measurements in a 50 Ω system with a DC supply voltage tolerance of +/- 2%.
## Features
· Frequency Range: 6-10 GHz
· Output Power: +10 dBm Typical
· Laser Welded Housings
· Internal Voltage Regulators
· RoHS Compliant Option: Model BXHF1090F
## Technical Specifications
|Parameter|Unit|Typical|Min/Max|
|---|---|---|---|
|Frequency Range|GHz|6-10|6-10|
|Gain|dB|22|21|
|Noise Figure|dB|2.0|3.0|
|Output Power @ 1 dB Compression|dBm|10|8|
|Output 3rd Order Intercept|dBm|22|-|
|Output 2nd Order Intercept|dBm|29|-|
|Reverse Isolation|dB|23|-|
|Input VSWR|---|1.5:1|2.0:1|
|Output VSWR|---|1.5:1|2.0:1|
|Supply Voltage|volts|+12 to +15|+12 to +15|
|Supply Current|mA|125|145|
## Mechanical & Electrical
· Storage Temperature: -55°C to +85°C
· Operating Temperature: -40°C to +85°C
· DC Voltage @ 25°C: +18 volts
· Input Drive @ 25°C (CW): +13 dBm
· Housing Size: 0.870” L x 1.060” W x 0.300” H
· RF Connectors: SMA Female Replaceable Connectors
## Instructions
· Grounding: Care should be taken to effectively ground each unit.
· Revisions: API reserves the right to make changes without notice.
· Specifications: Guaranteed when tested in a 50 Ω system.
# High Frequency Microwave Amplifier - Model # BXHF1090
## Overview
A high-frequency amplifier covering 6-10 GHz, designed with a laser-sealed housing for environmental protection. A screened MIL-STD-883 version is available (Model #SXHF1090). All specifications are based on measurements in a 50 Ω system with a DC supply voltage tolerance of +/- 2%.
## Features
· Frequency Range: 6-10 GHz
· Output Power: +10 dBm Typical
· Laser Welded Housings
· Internal Voltage Regulators
· RoHS Compliant Option: Model BXHF1090F
## Technical Specifications
| Parameter | Unit | Typical | Min/Max |
|---|---|---|---|
| Frequency Range | GHz | 6-10 | 6-10 |
| Gain | dB | 22 | 21 |
| Noise Figure | dB | 2.0 | 3.0 |
| Output Power @ 1 dB Compression | dBm | 10 | 8 |
| Output 3rd Order Intercept | dBm | 22 | - |
| Output 2nd Order Intercept | dBm | 29 | - |
| Reverse Isolation | dB | 23 | - |
| Input VSWR | --- | 1.5:1 | 2.0:1 |
| Output VSWR | --- | 1.5:1 | 2.0:1 |
| Supply Voltage | volts | +12 to +15 | +12 to +15 |
| Supply Current | mA | 125 | 145 |
| Part No. | BXHF1090 |
| Manufacturer | API |
| Size | 223 Kbytes |
| Pages | 3 pages |
| Description | High Frequency Microwave Amplifier |